Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89833ALMITR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89833ALMITR
Description  3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89833ALMITR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89833ALMITR Datasheet HTML 2Page - Micrel Semiconductor SY89833ALMITR Datasheet HTML 3Page - Micrel Semiconductor SY89833ALMITR Datasheet HTML 4Page - Micrel Semiconductor SY89833ALMITR Datasheet HTML 5Page - Micrel Semiconductor SY89833ALMITR Datasheet HTML 6Page - Micrel Semiconductor SY89833ALMITR Datasheet HTML 7Page - Micrel Semiconductor SY89833ALMITR Datasheet HTML 8Page - Micrel Semiconductor SY89833ALMITR Datasheet HTML 9Page - Micrel Semiconductor SY89833ALMITR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
SY89833AL
March 2009
6
M9999-032609-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(7)
VCC = 3.3V ±10%, RL = 100Ω across the output, TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Frequency
VOUT ≥ 200mV
2.0
GHz
tPD
Propagation Delay
250
470
ps
Note 8
5
20
ps
tSKEW
Within-Device Skew
Part-to-Part Skew
Note 9
200
ps
tS
Set-Up Time
Note 10
400
ps
tH
Hold Time
Note 10
400
ps
Data
Random Jitter (RJ)
Deterministic Jitter (DJ)
Note 11
Note 12
1
10
psRMS
psPP
Clock
Cycle-to-Cycle Jitter
Total Jitter (TJ)
Note 13
Note 14
1
10
psRMS
psPP
f = 622.08MHz, Note 15
0.07
psRMS
tJITTER
Additive Phase Jitter
f = 156.25MHz, Note 15
0.635
psRMS
tr, tf
Output Rise/Fall Times
(20% to 80%)
At full output swing.
60
110
190
ps
Duty Cycle
Differential I/O
47
53
%
Notes:
7.
High-frequency AC parameters are guaranteed by design and characterization.
8.
Within device skew is measured between two different outputs under identical input transitions.
9.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the respective
inputs.
10. Set-up and hold times apply to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous applications,
set-up and hold times do not apply.
11. Random jitter is measured with a K28.7 pattern, measured at ≤fMAX.
12. Deterministic jitter is measured at 2.5Gbps with both K28.5 and 223–1 PRBS pattern.
13. Cycle-to-cycle jitter definition: The variation period between adjacent cycles over a random sample of adjacent cycle pairs. tJITTER_CC = Tn –
Tn+1, where T is the time between rising edges of the output signal.
14. Total jitter definition: with an ideal clock input frequency of ≤ fMAX (device), no more than one output edge in 1012 output edges will deviate by
more than the specified peak-to-peak jitter value.
15. Integrated over the range of 12kHz to 20MHz.
Timing Diagrams


Similar Part No. - SY89833ALMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L Datasheet
156Kb / 10P
   3.3V, 2GHz ANY-DIFFERENTIAL INPUT-TO-LVDS 1:4 FANOUT BUFFER/TRANSLATOR W/ INTERNAL TERMINATION
SY89833L MICREL-SY89833L Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833LMG MICREL-SY89833LMG Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833LMG MICREL-SY89833LMG Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833LMGTR MICREL-SY89833LMGTR Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results

Similar Description - SY89833ALMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com