Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1100 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXLD1100
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1100 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXLD1100 Datasheet HTML 4Page - Diodes Incorporated ZXLD1100 Datasheet HTML 5Page - Diodes Incorporated ZXLD1100 Datasheet HTML 6Page - Diodes Incorporated ZXLD1100 Datasheet HTML 7Page - Diodes Incorporated ZXLD1100 Datasheet HTML 8Page - Diodes Incorporated ZXLD1100 Datasheet HTML 9Page - Diodes Incorporated ZXLD1100 Datasheet HTML 10Page - Diodes Incorporated ZXLD1100 Datasheet HTML 11Page - Diodes Incorporated ZXLD1100 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
APPLICATIONS
Programming the maximum LED current
The maximum LED current is programmed by adding a
single resistor in series with the LED chain. The current
is determined by the resistor value and feedback
voltage and is given by:
ILED = VFB/R1
where VFB=100mV
The table below gives recommended resistor values
for required LED currents:
LED Current
R1 Value
10mA
10
15mA
6.8
20mA
5
30mA
3.3
Dimming Control via a PWM signal on the EN pin
A Pulse Width Modulated (PWM) signal can be applied
to the EN pin in order to adjust the output current to a
value below the maximum LED current. Two modes of
adjustment are possible as described below.
True Analog Dimming - Filtered ‘DC’ mode
If a PWM signal of 10kHz or higher is applied to the EN
pin, the device will remain active when the EN pin is
low. However, the input to the internal low pass filter
will be switched alternately from VREF to ground, with a
duty cycle (D) corresponding to that of the PWM signal.
This will present a filtered dc voltage equal to the duty
cycle multiplied by VREF to the control loop and will
produce a dc output current lower than the maximum
set value. This current is given by:
IOUTdc = 0.1D/R1
This mode of adjustment minimizes flicker in the light
output and system noise.
Pulsed Dimming - Gated Mode
If a lower frequency of 1kHz or less is applied to the EN
pin, the device will be gated ‘on’ and ‘off’ at a duty cycle
(D) corresponding to that of the input signal. The
average output current is then given by:
IOUTavg
» 0.1D/R1
This mode may be preferred over dc current control if
the purest white output is required. However, note the
120 s nominal turn-off delay of the device, when using
the device in this mode.
Dimming Control using a DC voltage
For applications where the EN pin is not available a DC
voltage can be used to control dimming. By adding
resistors R2 and R3 and applying a DC voltage, the LED
current can be adjusted from 100% to 0%. As the DC
voltage increases, the voltage drop across R2 increases
and the voltage drop across R1 decreases, thus
reducing the current through the LEDs. Selection of R2
and R3 should ensure that the current from the DC
voltage is much less than the LED current and much
larger than the feedback current. The component
values in the diagram below represent 0% to 100%
dimming control from a 0 to 2V DC voltage.
Dimming Control using a logic signal
For applications where the LED current needs to be
adjusted in discrete steps a logic signal can be applied
as shown in the diagram below. When Q1 os ‘off’, R1
sets the minimum LED current. When Q1 is ‘on’, R2 sets
the LED current that will be added to the minimum LED
current. The formula for selecting values for R1 and R2
are given below:
MOSFET ‘off’
I
V
R
LED MIN
FB
LED
()
MOSFET ‘on’
I
V
R
I
LED MAX
LED
LED MIN
FB
()
(
)
where VFB = 100mV
ZXLD1100
SEMICO NDUC TORS
ISSUE 4 - JULY 2004
8


Similar Part No. - ZXLD1100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1100 ZETEX-ZXLD1100 Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
ZXLD1100H6 ZETEX-ZXLD1100H6 Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
ZXLD1100H6TA ZETEX-ZXLD1100H6TA Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
ZXLD1100H6TC ZETEX-ZXLD1100H6TC Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
More results

Similar Description - ZXLD1100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1100 ZETEX-ZXLD1100 Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
ZXLD1937 ZETEX-ZXLD1937 Datasheet
226Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
Diodes Incorporated
ZXLD1101 DIODES-ZXLD1101 Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1937 DIODES-ZXLD1937 Datasheet
232Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
Zetex Semiconductors
ZXLD1937ET5TA ZETEX-ZXLD1937ET5TA Datasheet
227Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
   1A LED driver with internal switch
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
   350mA LED driver with internal switch
logo
Diodes Incorporated
PAM2863 DIODES-PAM2863 Datasheet
402Kb / 11P
   2A LED DRIVER with INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com