Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLB1600X10TC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXLB1600X10TC
Description  LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLB1600X10TC Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXLB1600X10TC Datasheet HTML 3Page - Diodes Incorporated ZXLB1600X10TC Datasheet HTML 4Page - Diodes Incorporated ZXLB1600X10TC Datasheet HTML 5Page - Diodes Incorporated ZXLB1600X10TC Datasheet HTML 6Page - Diodes Incorporated ZXLB1600X10TC Datasheet HTML 7Page - Diodes Incorporated ZXLB1600X10TC Datasheet HTML 8Page - Diodes Incorporated ZXLB1600X10TC Datasheet HTML 9Page - Diodes Incorporated ZXLB1600X10TC Datasheet HTML 10Page - Diodes Incorporated ZXLB1600X10TC Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TYPICAL OPERATING CHARACTERISTICS
(For typical applications circuit at Vin = 3V and TA = 25 C unless otherwise stated)
ZXLB1600
ISSUE 3 - SEPTEMBER 2003
7
SEMICO NDUC TORS
Plot 1 Start-up response at max output voltage 1mA load
Bottom: Enable input (1V/div), Top: Output voltage (10V/div)
Plot 3 Operating waveforms at max output voltage 1mA load
Bottom: LX Output (10V/div), Top: Output voltage (50mV/div ac)
Plot 5 Line rejection at 1mA load
Bottom: Input voltage (1V/div), Top: Output voltage (0.2V/div ac)
Plot 4 Operating waveforms at max output voltage 10mA load
Bottom: LX Output (10V/div), Top: Output voltage (50mV/div ac)
Plot 2 Start-up response at max output voltage 5mA load
Bottom: Enable input (1V/div), Top: Output voltage (10V/div)
Plot 6 Load rejection
Bottom: Load current (1mA/div), Top: Output voltage (0.1V/div ac)


Similar Part No. - ZXLB1600X10TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600X10TC ZETEX-ZXLB1600X10TC Datasheet
223Kb / 16P
   LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
More results

Similar Description - ZXLB1600X10TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600_03 Datasheet
223Kb / 16P
   LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
   LCD BIAS BOOST CONVERTER
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
   Boost converter for the bias voltage of small size OLED and LCD displays
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
logo
Diodes Incorporated
ZXLD1615Q DIODES-ZXLD1615Q_17 Datasheet
505Kb / 12P
   AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
   TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8157EFV ROHM-BD8157EFV Datasheet
333Kb / 6P
   TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
logo
National Semiconductor ...
LM8305 NSC-LM8305 Datasheet
72Kb / 1P
   STN LCD Display Bias Voltage source
logo
Diodes Incorporated
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
654Kb / 11P
   AUTOMOTIVE COMPLIANT HIGH LCD BIAS GENERATOR BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com