Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLB1600X10TA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLB1600X10TA
Description  LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLB1600X10TA Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLB1600X10TA Datasheet HTML 2Page - Diodes Incorporated ZXLB1600X10TA Datasheet HTML 3Page - Diodes Incorporated ZXLB1600X10TA Datasheet HTML 4Page - Diodes Incorporated ZXLB1600X10TA Datasheet HTML 5Page - Diodes Incorporated ZXLB1600X10TA Datasheet HTML 6Page - Diodes Incorporated ZXLB1600X10TA Datasheet HTML 7Page - Diodes Incorporated ZXLB1600X10TA Datasheet HTML 8Page - Diodes Incorporated ZXLB1600X10TA Datasheet HTML 9Page - Diodes Incorporated ZXLB1600X10TA Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Filtered PWM operation
The input of an internal low pass filter is switched to
VREF when the EN pin is high and switched to ground
when the EN pin is low. The output of this filter drives
the comparator within the control loop. A continuous
high state on EN therefore provides a filtered voltage of
value Vref to the comparator and the control loop
regulates the output to a nominal value of 28V.
However, by varying the duty cycle (D) of the EN signal
at a suitably high frequency (f>10kHz), the control loop
will see a voltage, that has an average value equal to
the duty cycle multiplied by VREF. This provides a
means of adjusting the output voltage to a lower value.
It also allows the device to be both turned on and
adjusted with a single signal at the 'EN' pin. The output
during this mode of operation will be a dc voltage equal
to D x 28V
Gated PWM operation
The internal circuitry of the ZXLB1600 is turned off
when no signal is present on the 'EN' pin for more than
120 s (nominal). A low frequency signal applied to the
EN pin will therefore gate the device 'on' and 'off' at the
gating frequency and the duty cycle of this signal can
be varied to provide a 'chopped' output voltage equal
to D x 28V. For best accuracy, the gating frequency
should be made as low as possible (e.g. below 1kHz),
such that the turn off delay of the chip is only a small
proportion of the gating period.
Further details of setting output current are given in the
application notes.
Low battery detection
A comparator driving an open drain NMOS output
transistor performs the low battery flag function. The
detection threshold (battery voltage falling) is set to
1.98V nominal with internal resistors R3 and R4, but
this can be changed by shunting the internal potential
divider with two external resistors at pin 'LBT'.
Operation is such that the output transistor will be
turned on when the battery voltage falls below the
detection threshold.
VBLT = 1.21 x (R3+R4)/R4
A small amount (nominal 20mV) of hysteresis is
provided to aid clean switching. The low battery
detection circuit remains active when 'EN' is low.
ZXLB1600
ISSUE 3 - SEPTEMBER 2003
SEMICO NDUC TORS
6


Similar Part No. - ZXLB1600X10TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600X10TA ZETEX-ZXLB1600X10TA Datasheet
223Kb / 16P
   LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
More results

Similar Description - ZXLB1600X10TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600_03 Datasheet
223Kb / 16P
   LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
   LCD BIAS BOOST CONVERTER
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
   Boost converter for the bias voltage of small size OLED and LCD displays
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
   TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
   TFT-LCD Bias Boost Converter
logo
Diodes Incorporated
ZXLD1615Q DIODES-ZXLD1615Q_17 Datasheet
505Kb / 12P
   AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
   TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8157EFV ROHM-BD8157EFV Datasheet
333Kb / 6P
   TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
logo
National Semiconductor ...
LM8305 NSC-LM8305 Datasheet
72Kb / 1P
   STN LCD Display Bias Voltage source
logo
Diodes Incorporated
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
654Kb / 11P
   AUTOMOTIVE COMPLIANT HIGH LCD BIAS GENERATOR BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com