Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89809LTCTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89809LTCTR
Description  3.3V 1:9 High-Performance, Low-Voltage Bus Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89809LTCTR Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY89809LTCTR Datasheet HTML 1Page - Micrel Semiconductor SY89809LTCTR Datasheet HTML 2Page - Micrel Semiconductor SY89809LTCTR Datasheet HTML 3Page - Micrel Semiconductor SY89809LTCTR Datasheet HTML 4Page - Micrel Semiconductor SY89809LTCTR Datasheet HTML 5Page - Micrel Semiconductor SY89809LTCTR Datasheet HTML 6Page - Micrel Semiconductor SY89809LTCTR Datasheet HTML 7Page - Micrel Semiconductor SY89809LTCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Micrel, Inc.
SY89809L
December 2009
8
M9999-121409-D
hbwhelp@micrel.com or (408) 955-1690
Package Information
32-Pin TQFP (T32-1)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its
use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product
can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant
into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A
Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully
indemnify Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - SY89809LTCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89809LTCTR MICREL-SY89809LTCTR Datasheet
104Kb / 7P
   3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
More results

Similar Description - SY89809LTCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89809L MICREL-SY89809L Datasheet
78Kb / 4P
   3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89809L MICREL-SY89809L_05 Datasheet
104Kb / 7P
   3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89824L MICREL-SY89824L Datasheet
64Kb / 4P
   3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89824L MICREL-SY89824L_07 Datasheet
94Kb / 7P
   3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89825U MICREL-SY89825U_07 Datasheet
64Kb / 9P
   2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
SY89825U MICREL-SY89825U Datasheet
59Kb / 8P
   2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
Potato Semiconductor Co...
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com