Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89547LMGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89547LMGTR
Description  3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89547LMGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89547LMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89547LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89547LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89547LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89547LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89547LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89547LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89547LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89547LMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY89547L
Micrel, Inc.
M9999-091809
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Selects among four differential inputs
s Provides two copies of the selected input
s Guaranteed AC performance over temp and voltage:
• DC-to > 3.2Gbps data rate throughput
• < 620ps In-to-Out tpd
• < 150ps tr/tf
s Unique input isolation design minimizes crosstalk
s Ultra-low jitter design:
• < 1psRMS random jitter
• < 10psPP deterministic jitter
• < 10psPP total jitter (clock)
• < 0.7psRMS crosstalk-induced jitter
s Internal input termination
s Unique input termination and V
T pin accepts DC-
coupled and AC-coupled inputs (LVDS, LVPECL,
CML)
s 350mV LVDS output swing
s Power supply 3.3V
±10%
s –40
°C to +85°C temperature range
s Available in 32-pin (5mm x 5mm) MLF® package
FEATURES
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS
MULTIPLEXER with 1:2 FANOUT and
INTERNAL TERMINATION
Precision Edge®
SY89547L
APPLICATIONS
s SONET/SDH multi-channel select applications
s Fibre Channel applications
s GigE applications
Rev.: D
Amendment: /0
Issue Date:
September 2009
The SY89547L is a precision, high-speed 4:1 differential
multiplexer that provides two copies of the selected input.
The high speed LVDS (350mV) compatible outputs with a
guaranteed throughput of up to 3.2Gbps over temperature
and voltage.
The SY89547L differential inputs include Micrel’s unique,
3-pin internal termination design that allows access to the
termination network through a VT pin. This feature allows
the device to easily interface to different logic standards,
both AC- and DC-coupled without external resistor-bias and
termination networks. The result is a clean, stub-free, low
jitter interface solution.
The SY89547L operates from a single 3.3V supply, and
is guaranteed over the full industrial temperature range
(–40
°C to +85°C). For applications that require a 2.5V supply,
consider the SY89546U. For applications that only require
one differential output, consider the SY89544U or SY89545L.
The SY89547L is part of a Micrel’s Precision Edge® product
family. All support documentation can be found on Micrel’s
web site at: www.micrel.com.
TYPICAL PERFORMANCE
FUNCTIONAL BLOCK DIAGRAM
Precision Edge®
IN0
/IN0
VT0
50
50
IN1
/IN1
VT1
50
50
Q0
/Q0
0
1
MUX
4:1 MUX
1:2 Fanout
LVDS
IN2
/IN2
VT2
50
50
2
IN3
/IN3
VT3
50
50
3 S0
S1
SEL0 (CMOS/TTL)
SEL1 (CMOS/TTL)
Q1
/Q1
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
0
50
100
150
200
250
300
350
400
0
1000 2000 3000 4000 5000 6000
FREQUENCY (MHz)
Output Amplitude
vs. Frequency


Similar Part No. - SY89547LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89547LMGTR MICREL-SY89547LMGTR Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
More results

Similar Description - SY89547LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89543L MICREL-SY89543L_08 Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Micrel Semiconductor
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542U MICREL-SY89542U Datasheet
168Kb / 9P
   2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com