Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89610LMG Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89610LMG
Description  77.75MHz to 694MHz Jitter Attenuator and Low Phase Noise Frequency Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89610LMG Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89610LMG Datasheet HTML 2Page - Micrel Semiconductor SY89610LMG Datasheet HTML 3Page - Micrel Semiconductor SY89610LMG Datasheet HTML 4Page - Micrel Semiconductor SY89610LMG Datasheet HTML 5Page - Micrel Semiconductor SY89610LMG Datasheet HTML 6Page - Micrel Semiconductor SY89610LMG Datasheet HTML 7Page - Micrel Semiconductor SY89610LMG Datasheet HTML 8Page - Micrel Semiconductor SY89610LMG Datasheet HTML 9Page - Micrel Semiconductor SY89610LMG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Micrel, Inc.
SY89610L
July 2008
6
M9999-071008-D
hbwhelp@micrel.com or (408) 955-1690
Input
Frequency
(MHz)
Output
Frequency
(MHz)
FRQSEL2
FRQSEL1
FRQSEL0
P
N
M
Input
Min.
Input
Max.
Output
Min.
Output
Max.
Mult.
78
78
0
0
0
1
16
1
77.75
86.75
77.75
86.75
1
78
155
0
0
Float
1
8
2
77.75
86.75
155.5
173.5
2
78
311
0
0
1
1
4
4
77.75
86.75
311
347
4
78
622
0
Float
0
1
2
8
77.75
86.75
622
694
8
155
155
0
Float
1
2
8
2
155.5
173.5
155.5
173.5
1
155
311
0
1
0
2
4
4
155.5
173.5
311
347
2
155
622
0
1
Float
2
2
8
155.5
173.5
622
694
4
311
311
Float
0
1
4
4
4
311
347
311
347
1
311
622
Float
Float
0
4
2
8
311
347
622
694
2
622
622
Float
1
Float
8
2
8
622
694
622
694
1
19
78
1
0
0
1
16
4
19.44
21.69
77.75
86.75
4
19
155
1
0
Float
1
8
8
19.44
21.69
155.5
173.5
8
19
311
1
0
1
1
4
16
19.44
21.69
311
347
16
19
622
1
Float
0
1
2
32
19.44
21.69
622
694
32
Table 2. I/O Frequency Table
Input Frequency = 78MHz, 155MHz, 311MHz, 622MHz
BW Code
00
01
10
11
BW (kHz)
1
2
5
10
Cext (uF)
4.7
1
0.22
0.15
Input Frequency = 19MHz
BW Code
00
01
10
11
BW (kHz)
1
2
5
10
Cext (uF)
1
0.33
0.15
0.033
Table 3. PLL Loop Filter Capacitor Tables
Offset/loop BW
1kHz
2kHz
5kHz
10kHz
100Hz offset
-50
-55
-70
-75
dBc/Hz
1kHz offset
-65
-65
-75
-80
dBc/Hz
10kHz offset
-90
-90
-90
-90
dBc/Hz
100kHz offset
-115
-110
-110
-115
dBc/Hz
Table 4. Typical Phase Noise Performance (622MHz Input, 622MHz Output)


Similar Part No. - SY89610LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89645L MICREL-SY89645L Datasheet
382Kb / 7P
   Precision Low Skew, 1-to-4 LVCMOS/LVTTLto-LVDS Fanout Buffer
SY89645L MICREL-SY89645L Datasheet
369Kb / 8P
   Precision Low Skew, 1-to-4
SY89645LK4G MICREL-SY89645LK4G Datasheet
382Kb / 7P
   Precision Low Skew, 1-to-4 LVCMOS/LVTTLto-LVDS Fanout Buffer
SY89645LK4GTR MICREL-SY89645LK4GTR Datasheet
382Kb / 7P
   Precision Low Skew, 1-to-4 LVCMOS/LVTTLto-LVDS Fanout Buffer
SY89645LK4GTR MICREL-SY89645LK4GTR Datasheet
369Kb / 8P
   Precision Low Skew, 1-to-4
More results

Similar Description - SY89610LMG

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPS3500BL-100M BOWEI-MPS3500BL-100M Datasheet
115Kb / 1P
   Low phase noise fixed frequency synthesizer
logo
TXC Corporation.
BF-SERIES TXC-BF-SERIES Datasheet
966Kb / 1P
   Excellent low phase noise and jitter.
logo
Integrated Device Techn...
84330CI IDT-84330CI Datasheet
360Kb / 20P
   720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
84330CI RENESAS-84330CI Datasheet
557Kb / 21P
   720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
January 13, 2016
logo
Vectron International, ...
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4193 AD-ADF4193 Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com