Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89545LMG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89545LMG
Description  3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89545LMG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89545LMG Datasheet HTML 1Page - Micrel Semiconductor SY89545LMG Datasheet HTML 2Page - Micrel Semiconductor SY89545LMG Datasheet HTML 3Page - Micrel Semiconductor SY89545LMG Datasheet HTML 4Page - Micrel Semiconductor SY89545LMG Datasheet HTML 5Page - Micrel Semiconductor SY89545LMG Datasheet HTML 6Page - Micrel Semiconductor SY89545LMG Datasheet HTML 7Page - Micrel Semiconductor SY89545LMG Datasheet HTML 8Page - Micrel Semiconductor SY89545LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Precision Edge®
SY89545L
Micrel, Inc.
M9999-060308
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Pin Function
4, 2, 32,
IN0, /IN0,
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs
30, 27, 25, 23, 21
IN1, /IN1,
accept AC- or DC-coupled signals as small as 100mV. Each pin of a pair internally
IN2, /IN2,
terminates to a VT pin through 50Ω. Note that these inputs will default to an indeterminate
IN3, /IN3
state if left open. Unused differential input pairs can be terminated by connecting one input
to VCC and the complementary input to GND through a 1kΩ resistor. The VT pin is to be
left open in this configuration. Please refer to the “Input Interface Applications” section for
more details.
3, 31, 26, 22
VT0, VT1,
Input Termination Center-Tap: Each side of the differential input pair, terminates to a VT
VT2, VT3
pin. The VT0, VT1, VT2, VT3 pins provide a center-tap to a termination network for
maximum interface flexibility. See “Input Interface Applications” section for more details.
6, 19
SEL0, SEL1
These single-ended TTL/CMOS compatible inputs select the inputs to the multiplexers.
Note that these inputs are internally connected to a 25k
Ω pull-up resistor and will default
to a logic HIGH state if left open.
1, 5, 8,
VCC
Positive Power Supply: Bypass with 0.1
µF0.01µF low ESR capacitors. The 0.01µF
17, 20, 24, 28, 29
capacitor should be as close to VCC pin as possible.
10, 11
Q, /Q
Differential Outputs: This LVDS output pair is the output of the device. It is a
logic function of the IN0, IN1, IN0, IN1 and SEL0 inputs. Please refer to the “Truth Table’”
for details.
7, 9, 12, 13, 16, 18
GND,
Ground: Ground pin and exposed pad must be connected to the same ground plane.
Exposed pad
14, 15
NC
No connect. (Unused pins).
PIN DESCRIPTION
PACKAGE/ORDERING INFORMATION
24
23
22
21
20
19
18
17
VCC
IN3
VT3
/IN3
VCC
SEL1
GND
VCC
VCC
/IN0
VT0
IN0
VCC
SEL0
GND
VCC
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF®
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89545LMI
MLF-32
Industrial
SY89545L
Sn-Pb
SY89545LMITR(2)
MLF-32
Industrial
SY89545L
Sn-Pb
SY89545LMG(3)
MLF-32
Industrial
SY89545L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89545LMGTR(2, 3)
MLF-32
Industrial
SY89545L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Recommended for new designs.


Similar Part No. - SY89545LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89545LMG MICREL-SY89545LMG Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89545LMGTR MICREL-SY89545LMGTR Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
More results

Similar Description - SY89545LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89543L MICREL-SY89543L_08 Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542U MICREL-SY89542U Datasheet
168Kb / 9P
   2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com