Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89532LHZ Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89532LHZ
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89532LHZ Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89532LHZ Datasheet HTML 1Page - Micrel Semiconductor SY89532LHZ Datasheet HTML 2Page - Micrel Semiconductor SY89532LHZ Datasheet HTML 3Page - Micrel Semiconductor SY89532LHZ Datasheet HTML 4Page - Micrel Semiconductor SY89532LHZ Datasheet HTML 5Page - Micrel Semiconductor SY89532LHZ Datasheet HTML 6Page - Micrel Semiconductor SY89532LHZ Datasheet HTML 7Page - Micrel Semiconductor SY89532LHZ Datasheet HTML 8Page - Micrel Semiconductor SY89532LHZ Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Precision Edge®
SY89532/33L
Micrel, Inc.
M9999-010808
hbwhelp@micrel.com or (408) 955-1690
Input
Output
Device
Crystal Reference
BankA
BankB
BankC
SY89532L
X
LVPECL LVPECL LVPECL
SY89533L
X
LVPECL
LVDS
LVPECL
SY89534L(1)
X
LVPECL LVPECL LVPECL
SY89535L(1)
X
LVPECL
LVDS
LVPECL
FEATURES
Integrated synthesizer plus fanout buffers, clock
drivers , and translator in a single 64-pin package
3.3V
±10% power supply
Low jitter: <50ps cycle-to-cycle
Low pin-to-pin skew: <50ps
33MHz to 500MHz output frequency range
Direct interface to crystal: 14MHz to 18MHz
LVPECL output (SY89532L),
LVPECL/LVDS outputs (SY89533L)
TTL/CMOS compatible control logic
3 independently programmable output frequency
banks:
• 9 differential output pairs @BankB (LVPECL/LVDS)
• 2 differential output pairs @BankA (LVPECL)
• 2 differential output pairs @BankC (LVPECL)
ExtVCO input allows synthesizer and crystal
interface to be bypassed
Available in 64-pin EPAD-TQFP
The SY89532 and SY89533L programmable clock
synthesizer/drivers are a 3.3V, high-frequency, precision PLL-
based clock driver family optimized for multi-frequency, multi-
processor server and synchronous computing applications
that require the highest precision. These devices integrate the
following blocks into a single monolithic IC:
• PLL (Phase-Lock-Loop)-based synthesizer
• Fanout buffers
• Clock generator (dividers)
• Logic translation (LVPECL, LVDS)
This level of integration minimizes the additive jitter and
part-to-part skew associated with the discrete alternative,
resulting in superior system-level timing as well as reduced
board space and power. For applications that must interface
to a reference clock, see the SY89534/5.
3.3V, PRECISION, 33MHz to 500MHz
PROGRAMMABLE LVPECL AND
LVDS BUS CLOCK SYNTHESIZER
DESCRIPTION
Precision Edge®
SY89532L
SY89533L
APPLICATIONS
Servers
Workstations
Parallel processor-based systems
Other high-performance computing
Communications
Rev.: F
Amendment: /0
Issue Date:
January 2008
PRODUCT SELECTION GUIDE
Note:
1.Refer to SY89534/35L data sheet for details.
Precision Edge®
Precision Edge is a registered trademark of Micrel, Inc.


Similar Part No. - SY89532LHZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532LHC MICREL-SY89532LHC Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532LHCTR MICREL-SY89532LHCTR Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532LHH MICREL-SY89532LHH Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532LHHTR MICREL-SY89532LHHTR Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89532LHZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com