Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89534L Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89534L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89534L Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89534L_08 Datasheet HTML 2Page - Micrel Semiconductor SY89534L_08 Datasheet HTML 3Page - Micrel Semiconductor SY89534L_08 Datasheet HTML 4Page - Micrel Semiconductor SY89534L_08 Datasheet HTML 5Page - Micrel Semiconductor SY89534L_08 Datasheet HTML 6Page - Micrel Semiconductor SY89534L_08 Datasheet HTML 7Page - Micrel Semiconductor SY89534L_08 Datasheet HTML 8Page - Micrel Semiconductor SY89534L_08 Datasheet HTML 9Page - Micrel Semiconductor SY89534L_08 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Precision Edge®
SY89534/35L
Micrel, Inc.
M9999-110308
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fIN
Reference Input Frequency
———
14
160
———
MHz
fOUT
Output Frequency Range
———
33.33
500
———
MHz
tVCO
Internal VCO Frequency Range
600
1000
600
1000
600
1000
MHz
tskew
Within Device(11)
Within Bank
25
50
050
050
ps
Bank-to-Bank
60
150
60
150
60
150
ps
Part-to-Part Skew(12)
—————
200
——
200
ps
tLOCK
Maximum PLL Lock Time
—————
10
——
10
ms
tJITTER
Cycle-to-Cycle Jitter(13) (Pk-to-Pk)
—————
50
———
ps
Period Jitter(14)
(rms)
——
50
——
50
——
50
ps
tpw (min)
Minimum Pulse Width
———
50
——
50
——
ns
Target PLL Loop Bandwidth
Feedback Divider Ratio: 66(15)
1.0
——
1.0
——
1.0
MHz
Feedback Divider Ratio: 30(15)
2.0
——
2.0
——
2.0
MHz
tDC
fOUT Duty Cycle
———
45
50
55
45
50
55
%
tr, tf
Output Rise/Fall Time
ps
(20% to 80%)
LVPECL_Out
——
400
250
400
——
400
(SY89535L) LVDS_Out
——
450
300
450
——
450
tOUTPUT_RESET
(16)
—————
10
———
ns
tHOLD_FSEL
(16)
———
5
—————
ns
tSETUP_FSEL
(16)
———
5
—————
ns
tOUTPUT_SYNC
(16)
———
1
—————
VCO
clock cycle
FSEL-to-Valid Output Transition Time
————
50
————
ns
All VCC pins = +3.3V ±10%
NOTES:
11. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device operating at the same
voltage and temperature.
12. The part-to-part skew is defined as the absolute worst case difference between any two delay paths on any two devices operating at the same
voltage and temperature.
13. Cycle-to-cycle jitter definition: The variation in period between adjacent cycles over a random sample of adjacent cycle pairs. TJITTER_CC =Tn–Tn+1
where T is the time between rising edges of the output signal.
14. Period Jitter definition: For a specified amount of time (i.e., 1ms), there are N periods of a signal, and Tn is defined as the average period of that
signal. Period jitter is defined as the variation in the period of the output signal for corresponding edges relative to Tn. Parameter guaranteed by
design and characterization.
15. Using recommended loop filter components.
16. See
“Timing Diagrams."


Similar Part No. - SY89534L_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89534LHC MICREL-SY89534LHC Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534LHCTR MICREL-SY89534LHCTR Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534LHH MICREL-SY89534LHH Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534LHHTR MICREL-SY89534LHHTR Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89534L_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com