Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89429AZCTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89429AZCTR
Description  PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89429AZCTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89429AZCTR Datasheet HTML 1Page - Micrel Semiconductor SY89429AZCTR Datasheet HTML 2Page - Micrel Semiconductor SY89429AZCTR Datasheet HTML 3Page - Micrel Semiconductor SY89429AZCTR Datasheet HTML 4Page - Micrel Semiconductor SY89429AZCTR Datasheet HTML 5Page - Micrel Semiconductor SY89429AZCTR Datasheet HTML 6Page - Micrel Semiconductor SY89429AZCTR Datasheet HTML 7Page - Micrel Semiconductor SY89429AZCTR Datasheet HTML 8Page - Micrel Semiconductor SY89429AZCTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Precision Edge®
SY89429A
Micrel, Inc.
M,N
S_CLOCK
S_DATA
S_LOAD
P_LOAD
M[ 8 :0 ]
N[1 :0 ]
T 2 T 1 T 0 N1 N0 M8 M7 M6 M5 M4 M3 M2 M1 M0
PROGRAMMING INTERFACE
Programming the device is accomplished by properly
configuring the internal dividers to produce the desired
frequency at the outputs. The output frequency can be
represented by this formula:
Where FXTAL is the crystal frequency, M is the loop divider
modulus, and N is the output divider modulus. Note that it is
possible to select values of M such that the PLL is unable to
achieve loop lock. To avoid this, always make sure that M is
selected to be 200 M 400 for a 16MHz input reference.
M[8:0] and N[1:0] are normally specified once at power-on,
through the parallel interface, and then possibly again through
the serial interface. This approach allows the designer to
bring up the application at one frequency and then change or
fine-tune the clock, as the ability to control the serial interface
becomes available. To minimize transients in the frequency
domain, the output should be varied in the smallest step size
possible.
The TEST output provides visibility for one of several
internal nodes (as determined by the T[1:0] bits in the serial
configuration stream). It is not configurable through the
parallel interface. Although it is possible to select the node
that represents FOUT, the TTL output may not be able to
toggle fast enough for some of the higher output frequencies.
The T2, T1, T0 configuration latches are preset to 000 when
P_LOAD is low, so that the FOUT outputs are as jitter-free as
possible. The serial configuration port can be used to select
one of the alternate functions for this pin.
The Test register is loaded with the first three bits, the N
register with the next two and the M register with the final eight
bits of the data stream on the S_DATA input. For each register
the most significant bit is loaded first (T2, N1 and M8).
When T[2:0] is set to 100 the SY89429A is placed in PLL
bypass mode. In this mode the S_CLOCK input is fed directly
into the M and N dividers. The N divider drives the FOUT
differential pair and the M counter drives the TEST output
pin. In this mode the S_CLOCK input could be used for low
speed board level functional test or debug. Bypassing the
PLL and driving FOUT directly gives the user more control
on the test clocks sent through the clock tree (See detailed
Block Diagram). Because the S_CLOCK is a TTLlevel the input
frequency is limited to 250MHz or less. This means the fastest
the FOUT pin can be toggled via the S_CLOCK is 125MHz as
the minimum divide ratio of the N counter is 2. Note that the
M counter output on the TEST output will not be a 50% duty
cycle due to the way the divider is implemented.
Input S_DATA to M0 then M1, then M2, etc., as indicated above.
First
Bit
Last
Bit
T2
T1
T0
TEST
FOUT/FOUT
0
0
0
Data Out – Last Bit SR
FVCO ÷ N
0
0
1
HIGH
FVCO ÷ N
0
1
0
FREF
FVCO ÷ N
0
1
1
M Counter Output
FVCO ÷ N
1
0
0
FOUT
FVCO ÷ N
1
0
1
LOW
FVCO ÷ N
1
1
0
S_CLOCK ÷ M
S_CLOCK ÷ N
1
1
1
FOUT ÷ 4
FVCO ÷ N


Similar Part No. - SY89429AZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429AZCTR MICREL-SY89429AZCTR Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
More results

Similar Description - SY89429AZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
   Clock frequency up to 400MHz
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
logo
Integrated Silicon Solu...
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com