Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA480-24 Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WRA480-24
Description  3PH AC - DC RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WRA480-24 Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  WRA480-24 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WRA480-24 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WRA480-24 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WRA480-24 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - WRA480-24

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA480-24 CHINFA-WRA480-24 Datasheet
365Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - WRA480-24

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA960 CHINFA-WRA960_15 Datasheet
439Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA240-24 CHINFA-WRA240-24_10 Datasheet
343Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA960-24 CHINFA-WRA960-24_10 Datasheet
406Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
WRA480-24 CHINFA-WRA480-24 Datasheet
365Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
WRA120-12 CHINFA-WRA120-12 Datasheet
300Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
WRA240-24 CHINFA-WRA240-24 Datasheet
371Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
WRA960-24 CHINFA-WRA960-24 Datasheet
446Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 960W INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_11 Datasheet
555Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com