Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87739LHITR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY87739LHITR
Description  PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87739LHITR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY87739LHITR Datasheet HTML 2Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 3Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 4Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 5Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 6Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 7Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 8Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 9Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
SY87739L
Micrel, Inc.
M9999-062807
hbwhelp@micrel.com or (408) 955-1690
123412312341
12
3
1
Figure 2. 11/3 Example
Figure 2 shows an example generating an output
frequency 3 2/
3 times the input frequency. Since the output
frequency is between 3 and 4 times the input, P is set to 4.
We need to select the P divider twice, and select the P–1
divider once. Multiplying by 4 two times out of three, and
multiplying by 3 one time out of three, averages to a
multiplication of 32/
3.
The top waveform is the reference input. The bottom
waveform is the multiplied output. The waveform in the
middle shows those edges from the output that most closely
matches a corresponding reference waveform edge.
The control circuit must generate a repeating pattern to
the mux of something like “101”, so that the P divider is
selected twice, and the P–1 divider is selected once, every
three reference edges.
Fractional-N Phase-Frequency Detector
This circuit, besides generating “pump up” and “pump
down” signals, also generates delta phase signals for use
by the lock detect circuit.
This detector circuit also accepts a gating signal from the
fractional-N control block. When gated, the phase detector
generates neither pump up nor pump down pulses.
Fractional-N Charge Pump
This circuit converts the “pump up” and “pump down”
signals from the phase-frequency detector into current
pulses. An external loop filter integrates these current pulses
into a control voltage.
Charge pump current is selectable. This modifies loop
gain as follows:
During acquisition of the reference, the charge pump
current is fixed at 20µA. Once the acquisition sequencer
has completed center frequency trimming, then it changes
the current of this charge pump to 50µA.
Fractional-N VCO
This circuit converts the voltage integrated by the external
loop filter into a digital clock stream. The frequency of this
clock varies based on this control voltage. This VCO has a
coarse and a fine input, with a combined range of 540MHz
to 729MHz. The coarse input trims the VCO, as described
below, so that its center frequency rests near the target
frequency to generate. The fine adjustment forms part of
the closed loop. VCO gain is nominally 200MHz per Volt.
Fractional-N P/P-1 Divider
This is the main divider for the fractional-N loop. The
logical value of the output of the control block (Figure 1)
defines whether the divider divides by P (values shown in
Table 1) or by P–1. The expression for the fractional division
becomes:
Fractional division
P –
Q
QQ
P–1
P–1
P
=
+
()
Where QP is the number of reference clock periods during
which the divider must divide by P and QP-1 is the number
of reference clock periods during which the divider must
divide by P–1.
Care should be exercised when selecting the value of P
(Table 1) so that the voltage-controlled oscillator (VCO) of
the fractional-N PLL is not driven out of range. The following
conditions must be met:
f
(min)
f
Fractional division
f
(max)
VCO
REF
VCO
<<
×
or
f
(min)
f
P –
Q
QQ
f
(max)
VCO
REF
P–1
P–1
P
VCO
<<
×
+
()
⎩⎪
⎭⎪
Where,
fVCO (min) = 540MHz
fVCO (max) = 729MHz
fREF = frequency of the reference clock.
DivSel3
DivSel2
DivSel1
DivSel0
P
0
000
17
0
001
18
0
010
19
0
011
20
0
100
21
0
101
22
0
110
23
0
111
24
1
000
25
1
001
26
1
010
27
1
011
28
1
100
29
1
101
30
1
110
31
1
111
32
Table 1. DivSel Divider Setting


Similar Part No. - SY87739LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739LHITR MICREL-SY87739LHITR Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739LHITR MICREL-SY87739LHITR Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
More results

Similar Description - SY87739LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739L MICREL-SY87739L_11 Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739L MICREL-SY87739L Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com