Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88808L Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88808L
Description  10.3Gbps Transceiver with Programmable Equalization
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88808L Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88808L Datasheet HTML 1Page - Micrel Semiconductor SY88808L Datasheet HTML 2Page - Micrel Semiconductor SY88808L Datasheet HTML 3Page - Micrel Semiconductor SY88808L Datasheet HTML 4Page - Micrel Semiconductor SY88808L Datasheet HTML 5Page - Micrel Semiconductor SY88808L Datasheet HTML 6Page - Micrel Semiconductor SY88808L Datasheet HTML 7Page - Micrel Semiconductor SY88808L Datasheet HTML 8Page - Micrel Semiconductor SY88808L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY88808L
June 2010
4
M9999-063010-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
1, 28
TXQ, /TXQ
Differential Transmitter Output: This CML output pair is designed to drive 50
Ω signals with
variable output swing.
2, 13, 16, 27
VCC
Positive power supply: Connect to 3.3V power supply. Bypass with 0.1
μF||0.01μF low-ESR
capacitors as close to VCC pins as possible.
3, 19
NC
No connect.
4
TXSW
Programmable Swing Input pin: This input pin allows the user to set variable output swing.
This pin can be programmed via external potentiometer (or a resistor) to output a swing from
100mVPK to 350mVPK. See “Programmable TX Output Swing” table for details.
5, 10, 11, 12
24, 25
RXEQDC,
RXEQMF,
RXEQHF,
RXEQUHF,
TXEQHF,
TXEQUHF
Programmable EQ: Equalization circuit can recover degraded signals after long traces of FR4
board. Equalization can be programmed via an external potentiometer (or resistor). This
equalization scheme is optimized to recover degraded signal from any length of transmission
line. The receiver of the RX channel can equalize up to 36” FR4 or 10m 26AWG cable. The
receiver of the TX channel can equalize up to 9” FR4 or 3m 26AWG cable. RXEQDC,
RXEQMF, RXEQHF, and RXEQUHF control DC, medium, high, and ultra high components of
input data signals of RX channel respectively. TXEQHF and TXEQUHF control high and ultra
high components of input data signals of TX channel respectively. See “Programmable
Equalization” table for details.
6, 9, 20, 23
GND, Exposed Pad
Ground: Ground pins and exposed pad must be connected to the same ground plane.
7, 8
RXIN, /RXIN
Differential Receiver Input: This input pair is the differential input to the receive channel. It
accepts differential AC-coupled signals as small as 150mVPK at the input of the transmission
line. The input signal is fed in to an equalization circuit. The loss-of-signal (LOS) level includes
a small amount of hysteresis to prevent the LOS output from oscillating when no signal is
present.
14, 15
/RXQ, RXQ
Differential Receiver Output: This CML output pair is designed to drive 250mVPK swing in to
50
Ω.
17, 26
/RXEN, /TXEN
Single-Ended Input: TTL/CMOS compatible control input for the output pairs. The disable pins
are internally connected to a 25k
Ω pull-up resistor and will default to a logic HIGH state
(Disable) if left open. When disabled, the Q goes LOW, and /Q goes HIGH. Default threshold
is VCC/2.
18
LOS
Single-Ended Output: This TTL/CMOS output signal switches LOW when the input signal of
the receiver channel is valid and switches HIGH when the input signal is not valid. LOS is an
open-collector output.
21, 22
TXIN, /TXIN
Differential Transmitter Input: This input pair is the differential input to the transmit channel
and accepts differential AC-coupled signals which are fed in to equalization circuit. Input
swing is recommended to be
≥150mV
PK at the input of the transmission line to ensure valid
outputs.


Similar Part No. - SY88808L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KC MICREL-SY88802KC Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KCTR MICREL-SY88802KCTR Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KI MICREL-SY88802KI Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KITR MICREL-SY88802KITR Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY88808L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
[Old version datasheet]   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
DS25BR400 NSC-DS25BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
DS42BR400 NSC-DS42BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
logo
Maxim Integrated Produc...
MAX3971 MAXIM-MAX3971 Datasheet
1Mb / 10P
   3.3V, 10.3Gbps Limiting Amplifier
Rev 1; 12/02
logo
Texas Instruments
DS25BR400 TI1-DS25BR400_14 Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_17 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400_07 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 NSC-DS42BR400_08 Datasheet
299Kb / 14P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com