Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87729LHITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY87729LHITR
Description  3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87729LHITR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY87729LHITR Datasheet HTML 4Page - Micrel Semiconductor SY87729LHITR Datasheet HTML 5Page - Micrel Semiconductor SY87729LHITR Datasheet HTML 6Page - Micrel Semiconductor SY87729LHITR Datasheet HTML 7Page - Micrel Semiconductor SY87729LHITR Datasheet HTML 8Page - Micrel Semiconductor SY87729LHITR Datasheet HTML 9Page - Micrel Semiconductor SY87729LHITR Datasheet HTML 10Page - Micrel Semiconductor SY87729LHITR Datasheet HTML 11Page - Micrel Semiconductor SY87729LHITR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AnyClock®
SY87729L
8
Micrel, Inc.
M9999-062807
hbwhelp@micrel.com or (408) 955-1690
Wrapper Charge Pump
This circuit converts the pump signals from the phase-
frequency detector into current pulses. Charge pump current
is fixed at about 20µA. An external loop filter integrates
these current pulses into a control voltage.
Wrapper VCO
This circuit matches the fractional-N VCO in construction
and operation, so that the center frequency trim circuit can
center both the fractional-N VCO and the wrapper VCO at
about the same frequency.
Wrapper M Divider
This circuit forms the denominator of the ratio by which
the wrapper synthesizer modifies the fractional-N output
frequency. The division ratio is selected via MicroWire™,
as the 3-bit MdivSel register, as per Table 3 .
MdivSel2
MdivSel1
MdivSel0
Divisor
000
16
001
16
010
18
011
17
100
31
101
14
110
32
111
15
Table 3. MdivSel Divisor Control
The divisors are in two sets. The first set consists of the
divisors 14, 15, 16, 17 and 18. The second set consists of
31 and 32. Both M and N must be chosen from the same
set. For example, an N divisor of 31 and an M divisor of 17
results in undefined behavior. The
N
M
⎝⎜
⎠⎟ ratio must be kept
smaller than
17
14
, that is,
18
14
is not allowed.
Wrapper N Divider
This circuit forms the numerator of the ratio by which the
wrapper synthesizer modifies the fractional-N output
frequency. The division ratio is selected via MicroWire™,
as the 3-bit NdivSel register, as per Table 4.
NdivSel2
NdivSel1
NdivSel0
Divisor
000
16
001
16
010
18
011
17
100
31
101
14
110
32
111
15
Table 4. NdivSel Divisor Control
Lock Detector
The SY87729L ensures proper operation of both
synthesizers by verifying that both PLL have achieved lock.
The LOCKED output asserts active high only when this is
the case, that is, both PLL are locked.
The SY87729L implements a digital lock detector that is
both simple and robust. Each phase-frequency detector
provides a charge pump output that is the logical OR of
pump up and pump down pulses.
The lock detect circuit processes this charge pump output
with a pulse width discriminator. Once each reference clock
rising edge, the discriminator will produce a pulse, only if
the phase difference between the feedback divider and the
reference input is too large.
These pulses are subsequently processed digitally. A
PLL that is out of lock, is declared to be in lock only if 256
consecutive reference clocks have NO large phase errors,
as reported by the pulsewidth discriminator. Any large phase
error event, even a single one, that arrives before lock is
declared, will reset the circuit.
Once in lock, a PLL is declared out of lock if more large-
phase-difference than small-phase-difference events occur
that is, if over time, a net of 256 large-phase-difference
events occur. That is accomplished by counting up when
large-phase-difference events occur and counting down in
the case of small-phase events.
Wrapper Synthesizer
The frequency generated by the fractional-N PLL is further
processed by a more classical PLL circuit, as shown in
Figure 3.
Phase-
Frequency
Detector/
Charge
Pump
VCO
M
N
Loop Filter
Output
Frequency
(fWROUT)
Input
Frequency
(fFNOUT)
Figure 3. Wrapper Architecture
This circuit further modifies the frequency generated by
the fractional-N loop. This comes in handy where digital
wrapper and/or FEC is implemented. The wrapper
synthesizer generates just a few ratios near 1.
The wrapper modifies the frequency based on the values
of M and N, the dividers, as per:
540MHz
f
N
M
f
N
M
P–
Q
QQ
WROUT
FNOUT
P–1
P–1
P
≤= ×
= ×
+
×
f
729MHz
REF
Wrapper Phase-Frequency Detector
This circuit generates pump up and pump down signals
for the charge pump, and also generates delta phase for
the lock detector.


Similar Part No. - SY87729LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87729LHITR MICREL-SY87729LHITR Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
More results

Similar Description - SY87729LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_11 Datasheet
505Kb / 17P
   3.3V AnyClock짰, 10MHz to 365MHz
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L_11 Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739L MICREL-SY87739L Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com