Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87701VHH Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY87701VHH
Description  5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701VHH Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY87701VHH Datasheet HTML 7Page - Micrel Semiconductor SY87701VHH Datasheet HTML 8Page - Micrel Semiconductor SY87701VHH Datasheet HTML 9Page - Micrel Semiconductor SY87701VHH Datasheet HTML 10Page - Micrel Semiconductor SY87701VHH Datasheet HTML 11Page - Micrel Semiconductor SY87701VHH Datasheet HTML 12Page - Micrel Semiconductor SY87701VHH Datasheet HTML 13Page - Micrel Semiconductor SY87701VHH Datasheet HTML 14Page - Micrel Semiconductor SY87701VHH Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SY87701V
11
Micrel, Inc.
M9999-073008
hbwhelp@micrel.com or (408) 955-1690
28-PIN APPLICATION EXAMPLE
For AC-Coupling Only
when VCC = +5V
when VCC = +3.3V
C1 = C2 = 0.1
µF
C1 = C2 = 0.1
µF
R1 = R2 = 1.2k
R1 = R2 = 680
R3 = R4 = 3.4k
R3 = R4 = 1k
Table 1.
For DC Mode Only
when VCC = +5V
when VCC = +3.3V
C1 = C2 = Shorted
C1 = C2 = Shorted
R1 = R2 = 82
R1 = R2 = 130
R3 = R4 = 130
R3 = R4 = 82
123456
DIVSEL1
VCC
RDOUTP
1
2
3
4
5
12
6
11
7
10
8
9
DIVSEL2
RDINP
LFIN
RDINN
VCCA
FREQSEL1
REFCLK
CD
RDOUTN
VCCO
RCLKP
RCLKN
FREQSEL2
17
18
19
20
21
22
23
24
25
26
27
28
PLLSP
PLLSN
N/C
FREQSEL3
VCCO
TCLKP
TCLKN
CLKSEL
13
16
GND
PLLRP
14
15
GND
PLLRN
C3
R5
80
1.5 F
GND
C4
R6
50‰
1.0 F
VCC
VCC
GND
R2
R1
R3
R4
C9
0.1 F
C8
22 F
C7
0.1 F
C6
22 F
Ferrite Bead
BLM21A102
FB1
(R17 - R22)
5k
Ω x 6
Diode D1
1N4148
C14
0.1 F
C15
C16
C17
C18
C19
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
Capacitor Pads
(1206 format)
RDIN
C1
C2
0.1 F C13
14
8
1
7
120
R21
VCC
NC
REFCLK
(TTL)
LOOP FILTER
NETWORK
VCC
Stand Off
R7
1k
XTAL
Oscillator
If VCC = +3.3V:
R9 through R14 = 220
See Table 1
J1
VCC
R8
130
LED
D2
GND
Pin 1 (VCCA)
Pin 28 (VCC)
Pin 23 (VCCO)
Pin 20 (VCCO)
C5
C10
C11
C12
0.1 F
0.1 F
0.1 F
0.1 F
VCC
If VCC = +5V:
R9 through R14 = 33
0Ω
Note 1.
C5 and C10–C12 are decoupling capacitors and should be kept
as close to the power pins as possible.


Similar Part No. - SY87701VHH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701VHH MICREL-SY87701VHH Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701VHHTR MICREL-SY87701VHHTR Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87701VHH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com