Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72147V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72147V
Description  PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72147V Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72147V Datasheet HTML 1Page - Sanyo Semicon Device LC72147V Datasheet HTML 2Page - Sanyo Semicon Device LC72147V Datasheet HTML 3Page - Sanyo Semicon Device LC72147V Datasheet HTML 4Page - Sanyo Semicon Device LC72147V Datasheet HTML 5Page - Sanyo Semicon Device LC72147V Datasheet HTML 6Page - Sanyo Semicon Device LC72147V Datasheet HTML 7Page - Sanyo Semicon Device LC72147V Datasheet HTML 8Page - Sanyo Semicon Device LC72147V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
No. 6675-4/22
LC72147V
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Rf1
XIN
1.0
M
Internal feedback resistance
Rf2
FMIN
500
k
Rf3
HCTR
250
Hysteresis
VHIS
CE, CL, DI
0.1 Vreg
V
VOH1
I/O-4, I/O-5
IO = – 0.5 mA
Vreg – 0.5
IO = – 1 mA
Vreg – 1.0
V
High-level output voltage
VOH2
PD, AIN
IO = – 1 mA
Vreg – 0.5
IO = – 2 mA
Vreg – 1.0
VOH3
XBUF
IO = – 0.5 mA
Vreg – 0.5
V
VOH4
IFBC
IO = – 0.1 mA
Vreg – 0.5
V
VOL1
I/O-4, I/O-5
IO = 0.5 mA
0.5
V
IO = 1 mA
1.0
VOL2
PD, AIN
IO = 1 mA
0.5
V
IO = 2 mA
1.0
VOL3
XBUF
IO = 0.5 mA
0.5
V
Low-level output voltage
VOL4
IFBC
IO = 0.1 mA
0.5
V
IO = 1 mA
0.2
VOL5
I/O-1 to I/O-3
IO = 2.5 mA
0.5
V
IO = 5 mA
1.0
IO = 9 mA
1.8
VOL6DO
IO = 5 mA
1.0
V
VOL7
AOUT
IO = 30 mA, AIN = 2.0 V
1.5
V
Mid-level output voltage
VOM
IFBC
IO = 20 µA
1.2
1.5
1.8
V
IIH1
CE, CL, DI
VI = 6.5 V
5.0
IIH2
I/O-1 to I/O-3
VI = 13 V
5.0
IIH3
I/O-4, I/O-5, ADC0,
VI = Vreg
5.0
µA
High-level input current
ADC1, HCTR
IIH4
XIN
VI = Vreg
1.3
7
IIH5
FMIN
VI = Vreg
2.5
14
IIH6
HCTR
VI = Vreg
5.0
28
IIH7
AIN
VI = Vreg
200
nA
IIL1
CE, CL, DI
VI = 0 V
5.0
IIL2
I/O-1 to I/O-3
VI = 0 V
5.0
IIL3
I/O-4, I/O-5,
VI = 0 V
5.0
µA
Low-level input current
ADC0, ADC1, HCTR
IIL4
XIN
VI = 0 V
1.3
7
IIL5
FMIN
VI = 0 V
2.5
14
IIL6
HCTR
VI = 0 V
5.0
28
IIL7
AIN
VI = 0 V
200
nA
Output off leakage current
IOFF1
I/O-1 to I/O-3
VO = 13 V
5.0
µA
IOFF2DO
VO = 6.5 V
5.0
High-level 3-state off leakage current
IOFFH
PD
VO = Vreg
0.01
200
nA
Low-level 3-state off leakage current
IOFFL
PD
VO = 0 V
0.01
200
nA
Input capacitance
CIN
FMIN
6PF
A/D converter linearity error
Err
ADC0, ADC1
–1/2
1/2
LSB
Pull-down transistor on resistance
Rpd
FMIN
80
200
600
k
X’tal = 10.35 MHz
fIN2 = 180 MHz
Supply current
IDD
VDD
VIN2 – 2 = 70 mVrms
12
mA
fIN3 = 25 MHz
VIN3 – 1 = 70 mVrms
Electrical Characteristics in the Allowable Operating Ranges


Similar Part No. - LC72147V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
LC72140M SANYO-LC72140M Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
LC72144M SANYO-LC72144M Datasheet
308Kb / 22P
   PLL Frequency Synthesizer
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72146M SANYO-LC72146M Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
More results

Similar Description - LC72147V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com