Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY69753ALHGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY69753ALHGTR
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY69753ALHGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY69753ALHGTR Datasheet HTML 1Page - Micrel Semiconductor SY69753ALHGTR Datasheet HTML 2Page - Micrel Semiconductor SY69753ALHGTR Datasheet HTML 3Page - Micrel Semiconductor SY69753ALHGTR Datasheet HTML 4Page - Micrel Semiconductor SY69753ALHGTR Datasheet HTML 5Page - Micrel Semiconductor SY69753ALHGTR Datasheet HTML 6Page - Micrel Semiconductor SY69753ALHGTR Datasheet HTML 7Page - Micrel Semiconductor SY69753ALHGTR Datasheet HTML 8Page - Micrel Semiconductor SY69753ALHGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
SY69753AL
August 2007
3
M9999-082107-E
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Inputs
Pin Number
Pin Name
Type
Pin Name
2
3
RDINP
RDINN
Differential
PECL
Serial Data Input: These built-in line receiver inputs are connected to the differential receive
serial data stream. An internal receive PLL recovers the embedded clock (RCLK) and data
(RDOUT) information.
5
REFCLK
TTL Input
Reference Clock: This input is used as the reference for the internal frequency synthesizer
and the "training" frequency for the receiver PLL to keep it centered in the absence of data
coming in on the RDIN inputs.
26
CD
PECL Input
Carrier Detect: This input controls the recovery function of the Receive PLL and can be driven
by the carrier detect output of optical modules or from external transition detection circuitry.
When this input is HIGH, the input data stream (RDIN) is recovered normally by the Receive
PLL. When this input is LOW the data on the inputs RDIN will be internally forced to a
constant LOW, the data outputs RDOUT will remain LOW, the Link Fault Indicator output
LFIN forced LOW and the clock recovery PLL forced to look onto the clock frequency
generated from REFCLK.
32
25
DIVSEL1
DIVSEL2
TTL Input
Divider Select: These inputs select the ratio between the output clock frequency
(RCLK/TCLK) and the REFCLK input frequency as shown in the “Reference Frequency
Selection” table.
16
CLKSEL
TTL Input
Clock Select: This input is used to select either the recovered clock of the receiver PLL
(CLKSEL = HIGH) or the clock of the frequency synthesizer (CLKSEL = LOW) to the TCLK
outputs.
Outputs
Pin Number
Pin Name
Type
Pin Name
31
LFIN
TTL Output
Link Fault Indicator: This output indicates the status of the input data stream RDIN. Active
HIGH signal is indicating when the internal clock recovery PLL has locked onto the incoming
data stream. LFIN will go HIGH if CD is HIGH and RDIN is within the frequency range of the
Receive PLL (1000ppm) and will be alternating if not. LFIN is an asynchronous output.
23
24
RDOUTN
RDOUTP
Differential
PECL
Receive Data Output: These ECL 100K outputs represent the recovered data from the input
data stream (RDIN). This recovered data is specified against the rising edge of RCLK.
20
21
RCLKN
RCLKP
Differential
PECL
Clock Output: These ECL 100K outputs represent the recovered clock used to sample the
recovered data (RDOUT).
18
17
TCLKP
TCLKN
Differential
PECL
Clock Output: These ECL 100K outputs represent either the recovered clock (CLKSEL =
HIGH) used to sample the recovered data (RDOUT) or the transmit clock of the frequency
synthesizer (CLKSEL = LOW).
9
10
PLLSP
PLLSN
Clock Synthesis PLL Loop Filter: External loop filter pins for the clock synthesis PLL.
14
15
PLLRN
PLLRP
Clock Recovery PLL Loop Filter: External loop filter pins for the receiver PLL.
Power and Ground
Pin Number
Pin Name
Type
Pin Name
27, 28
VCC
Power Supply.
(1)
29
30
VCCA
Analog Power Supply Voltage.
(1)
19, 22
VCCO
Output Supply Voltage.
(1)
12, 13
GND
Ground.
1, 4, 6, 7, 8
NC
No connect.
11
GNDA
Analog Ground.
Note:
1. VCC, VCCA, VCCO must be the same value.


Similar Part No. - SY69753ALHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753ALHGTR MICREL-SY69753ALHGTR Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
More results

Similar Description - SY69753ALHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753L MICREL-SY69753L_06 Datasheet
443Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_07 Datasheet
489Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
Sony Corporation
CXB1575AQ SONY-CXB1575AQ Datasheet
286Kb / 16P
   155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com