Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY69753ALHG Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY69753ALHG
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY69753ALHG Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY69753ALHG Datasheet HTML 2Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 3Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 4Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 5Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 6Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 7Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 8Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 9Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SY69753AL
August 2007
6
M9999-082107-E
hbwhelp@micrel.com or (408) 955-1690
Functional Block
Functional Description
Clock Recovery
Clock Recovery, as shown in the block diagram,
generates a clock that is at the same frequency as the
incoming data bit rate at the Serial Data input. The
clock is phase aligned by a PLL so that it samples the
data in the center of the data eye pattern.
The phase relationship between the edge transitions
of the data and those of the generated clock are
compared by a phase/frequency detector. Output
pulses from the detector indicate the required
direction of phase correction. These pulses are
smoothed by an integral loop filter. The output of the
loop filter controls the frequency of the Voltage
Controlled Oscillator (VCO), which generates the
recovered clock.
Frequency
stability,
without
incoming
data,
is
guaranteed by an alternate reference input (REFCLK)
that the PLL locks onto when data is lost. If the
Frequency of the incoming signal varies by greater
than approximately 1000ppm with respect to the
synthesizer frequency, the PLL will be declared out of
lock, and the PLL will lock to the reference clock.
The loop filter transfer function is optimized to enable
the PLL to track the jitter, yet tolerate the minimum
transition density expected in a received SONET data
signal. This transfer function yields a 30µs data
stream of continuous 1's or 0's for random incoming
NRZ data.
Lock Detect
The SY69753AL contains a link fault indication circuit,
which monitors the integrity of the serial data inputs. If
the received serial data fails the frequency test, then
the PLL will be forced to lock to the local reference
clock. This will maintain the correct frequency of the
recovered clock output under loss of signal or loss of
lock conditions. If the recovered clock frequency
deviates from the local reference clock frequency by
more than approximately 1000ppm, the PLL will be
declared out of lock. The lock detect circuit will poll the
input data stream in an attempt to reacquire lock to
data. If the recovered clock frequency is determined to
be within approximately 1000ppm, the PLL will be
declared in lock and the lock detect output will go
active.
During the interval when the CDR is not locked onto
the RDIN input, the LFIN output will not be a static
LOW, but will be changing.
.


Similar Part No. - SY69753ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753ALHG MICREL-SY69753ALHG Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753ALHGTR MICREL-SY69753ALHGTR Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
More results

Similar Description - SY69753ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753L MICREL-SY69753L_06 Datasheet
443Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_07 Datasheet
489Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
Sony Corporation
CXB1575AQ SONY-CXB1575AQ Datasheet
286Kb / 16P
   155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com