Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58600UMITR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58600UMITR
Description  ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58600UMITR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58600UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58600UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58600UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58600UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58600UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58600UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58600UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58600UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58600UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY58600U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
VIN, VOUT
400mV
(typical)
Figure 1a. Single-Ended Swing
800mV (typical)
VDIFF_IN, VDIFF_OUT
Figure 1b. Differential Swing
IN
/IN
tpd
Q
/Q
DEFINITION OF SINGLE-ENDED AND DIFFERENTIAL SWINGS
INPUT AND OUTPUT STAGE INTERNAL TERMINATION
50Ω
/IN
VCC
50Ω
IN
VT
GND
Figure 2a. Simplified Differential Input Stage
50Ω
50Ω
/Q
Q
VCC
GND
Figure 2b. Simplified Differential Output Stage


Similar Part No. - SY58600UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SY58600UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58016L MICREL-SY58016L_11 Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
SY58016L MICREL-SY58016L Datasheet
135Kb / 5P
   3.3V 10Gbps DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58602U MICREL-SY58602U_07 Datasheet
1Mb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com