Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58052U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58052U
Description  ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58052U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58052U_10 Datasheet HTML 1Page - Micrel Semiconductor SY58052U_10 Datasheet HTML 2Page - Micrel Semiconductor SY58052U_10 Datasheet HTML 3Page - Micrel Semiconductor SY58052U_10 Datasheet HTML 4Page - Micrel Semiconductor SY58052U_10 Datasheet HTML 5Page - Micrel Semiconductor SY58052U_10 Datasheet HTML 6Page - Micrel Semiconductor SY58052U_10 Datasheet HTML 7Page - Micrel Semiconductor SY58052U_10 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Precision Edge®
SY58052U
Micrel, Inc.
M9999-082010
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) .................................. –0.5V to +4.0V
Input Voltage (V
IN) ......................................... –0.5V to VCC
CML Output Voltage (VOUT) ......... VCC –1.0V to VCC +5.0V
Termination Current(3)
Source or Sink Current on V
TD, VCLK ....................... ±60mA
Input Current
Source or Sink Current on D, /D, CLK, /CLK .......
±30mA
Lead Temperature (soldering, 20 sec.) ................... +260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (V
CC) .......................... +2.375V to +2.625V
............................................................ +3.0V to +3.6V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance(4)
MLF®
JA)
Still-Air ............................................................. 61
°C/W
MLF®
JB)
Junction-to-Board ............................................ 38
°C/W
T
A = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply
2.375
2.625
V
3.0
3.6
V
I
CC
Power Supply Current
No load, max. V
CC.60
92
mA
R
IN
Differential Input Resistance
80
100
120
(D, /D or CLK, /CLK)
V
IH
Input HIGH Voltage
Note 6
1.2
V
CC
V
(D, /D or CLK, /CLK)
V
IL
Input LOW Voltage
Note 6
0V
IH–0.1
V
(D, /D or CLK, /CLK)
V
IN
Input Voltage Swing
Note 6
100
mV
(D, /D or CLK, /CLK)
V
DIFF_IN
Differential Input Voltage Swing
Note 6
200
mV
|D, /D| or |CLK, /CLK|
See Figure 2a.
|I
IN|
Input Current
Note 6
21
mA
(IN, /IN)
See Figure 2b.
Notes:
1. Permanent device damage may occur if the ratings in the “Absolute Maximum Ratings” section are exceeded. This is a stress rating only and
functional operation is not implied for conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability use for input of the same package only.
4. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
ψ
JB uses 4-layer
θ
JA in still-air, unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. Due to the internal termination (see “ Input Structures” section) the input current depends on the applied voltages at D, /D and V
TD inputs, the CLK,
/CLK and V
TCLK inputs or the S, /S and VTS inputs. Do not apply a combination of voltages that causes the input current to exceed the maximum
limit!
DC ELECTRICAL CHARACTERISTICS(5)


Similar Part No. - SY58052U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58052UMG MICREL-SY58052UMG Datasheet
194Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
SY58052UMGTR MICREL-SY58052UMGTR Datasheet
194Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
SY58052UMI MICREL-SY58052UMI Datasheet
194Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
SY58052UMITR MICREL-SY58052UMITR Datasheet
194Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
More results

Similar Description - SY58052U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58052U MICREL-SY58052U Datasheet
194Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
SY58052AU MICREL-SY58052AU Datasheet
767Kb / 13P
   Ultra-Precision CML Data and Clock Synchronizer with Internal Input and Output Termination
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY58051U MICREL-SY58051U_11 Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
logo
ON Semiconductor
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
   Clock Synchronizer and Multiplier
logo
Micrel Semiconductor
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com