Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72137M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC72137M
Description  PLL Frequency Synthesizer for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72137M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72137M Datasheet HTML 6Page - Sanyo Semicon Device LC72137M Datasheet HTML 7Page - Sanyo Semicon Device LC72137M Datasheet HTML 8Page - Sanyo Semicon Device LC72137M Datasheet HTML 9Page - Sanyo Semicon Device LC72137M Datasheet HTML 10Page - Sanyo Semicon Device LC72137M Datasheet HTML 11Page - Sanyo Semicon Device LC72137M Datasheet HTML 12Page - Sanyo Semicon Device LC72137M Datasheet HTML 13Page - Sanyo Semicon Device LC72137M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
No. 5743-10/23
LC72137, 72137M
DI Control Data Descriptions
No.
Control block/data
Description
Related data
Programmable divider data • Data that sets the programmable divider
P0 to P15
A binary value in which P15 is the MSB. The LSB changes depending on DVS and SNS.
(*: Don’t care.)
Note: P0 to P3 are ignored when P4 is the LSB.
DVS, SNS
• Selects the signal input pin (AMIN or FMIN) for the programmable divider, switches the
frequency range. (*: Don’t care.)
Note: See the “Programmable Divider” item for details.
Reference divider data
• Reference frequency (fref) selection data
R0 to R3
Note: PLL INHIBIT
The programmable divider and IF counter blocks are stopped, the FMIN, AMIN,
and IFIN pins go to the pulled-down state, and the charge pump output pin goes to
the high-impedance state.
IF counter control data
• IF counter measurement start specification
CTE
CTE = 1: Counter start
CTE = 0: Counter reset
GT0, GT1
• IF counter measurement time determination
Note: See the “IF Counter Structure” item for details.
I/O port specification data
• Data that specifies input or output for the I/O dual-use pins (IO1, IO2)
IOC1, IOC2
Data: 0 = input mode, 1 = output mode
Output port data
• BO1 to BO4, IO1, and IO2 output state data
BO1 to BO4, IO1, IO2
Data: 0 = open, 1 = low
• “Data = 0: Open” is selected following a power-on reset.
(1)
(2)
(3)
(4)
(5)
IFS
IOC1
IOC2
DVS
SNS
LSB
Divisor setting (N)
Actual divisor
1
*
P0
272 to 65535
Twice the value of the setting
0
1
P0
272 to 65535
The value of the setting
0
0
P4
4 to 4095
The value of the setting
DVS
SNS
Input pin
Input frequency range
1
*
FMIN
10 to 160 MHz
0
1
AMIN
2 to 40 MHz
0
0
AMIN
0.5 to 10 MHz
GT1
GT0
Measurement time (ms)
Wait time (ms)
0
0
4
3 to 4
0
1
8
3 to 4
1
0
16
7 to 8
1
1
32
7 to 8
R3
R2
R1
R0
Reference frequency (kHz)
0
0
0
0
25
0
0
0
1
25
0
0
1
0
25
0
0
1
1
25
0
1
0
0
12.5
0
1
0
1
6.25
0
1
1
0
3.125
0
1
1
1
3.125
1
0
0
0
5
1
0
0
1
5
1
0
1
0
5
1
0
1
1
1
1
1
0
0
3
1
1
0
1
15
1
1
1
0
PLL INHIBIT + Xtal OSC STOP
1
1
1
1
PLL INHIBIT
Continued on next page.


Similar Part No. - LC72137M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72137 SANYO-LC72137 Datasheet
481Kb / 22P
   PLL Frequency Synthesizer
LC72137 SANYO-LC72137_11 Datasheet
481Kb / 22P
   PLL Frequency Synthesizer
More results

Similar Description - LC72137M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
   PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com