Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58040UMITR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58040UMITR
Description  ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58040UMITR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58040UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
SY58040U
Micrel, Inc.
M9999-103009
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC ) .......................–0.5V to +4.0V
Input Voltage (VIN)...........................................–0.5V to VCC
CML Output Voltage (VOUT) ..........VCC –0.5V to VCC +5.0V
Termination Current(3)
Source or sink current on VT pin ........................ ±100mA
Input Current(3)
Source or sink current on IN, /IN .......................... ±50mA
VREF-AC Current(3)
Source or sink current on IN, /IN ............................ ±2mA
Lead Temperature (soldering, 20 sec.)...................... 260°C
Storage Temperature Range (TS )............ –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (VCC) ................. +2.375V to +3.60V
Ambient Temperature Range (TA) .............. –40°C to +85°C
Package Thermal Resistance(4)
MLF® JA)
Still-Air ............................................................. 23°C/W
MLF® JB)
Junction-to-board............................................. 12°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
VCC = 2.5V.
2.375
2.5
2.625
V
VCC = 3.3V.
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC.
225
300
mA
Includes current from internal 50Ω pull-up
on each output.
RIN
Input Resistance (IN-to-VT, /IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
90
100
110
(IN-to-/IN)
VIH
Input HIGH Voltage
Note6
VCC–1.6
VCC
V
(IN-to-/IN)
VIL
Input LOW Voltage
0
VIH–0.1
V
(IN-to-/IN)
VIN
Input Voltage Swing
See Figure 1a.
0.1
1.7
V
(IN-to-/IN)
VDIFF_IN
Differential Input Voltage Swing
See Figure 1b.
0.2
V
|IN – /IN|
VT_IN
IN to VT (IN-to-/IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC–1.3 VCC–1.2 VCC–1.1
V
Notes:
1. Permanent device damage may occur if ratings in the “Absolute Maximum Ratings” section are exceeded. This is a stress rating only and functional
operation is not implied for conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability, use for input of the same package only.
4. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB. θJA uses 4-layer in
still-air number, unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIH (min) not lower than 1.2V.
DC ELECTRICAL CHARACTERISTICS(5)
TA= –40°C to +85°C, unless otherwise stated.


Similar Part No. - SY58040UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040UMITR MICREL-SY58040UMITR Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMITR MICREL-SY58040UMITR Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58040UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040U MICREL-SY58040U Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_07 Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com