Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58040UMITR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY58040UMITR
Description  ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58040UMITR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY58040UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 9Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 10Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 11Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
SY58040U
Micrel, Inc.
M9999-103009
hbwhelp@micrel.com or (408) 955-1690
iNPUTiNTERFACEAPPLiCATiONS
LVPECL
IN
/IN
SY58040U
VCC
Rpd
Rpd
For 3.3V, Rpd = 100Ω.
For 2.5V, Rpd = 50Ω.
GND
GND
VT
VREF-AC
0.01µF
VCC
Figure3b.LVPECL
interface(AC-Coupled)
LVDS
IN
/IN
NC
NC
SY58040U
VCC
GND
VT
VREF-AC
Figure3e.LVDSinterface
CML
IN
/IN
NC
SY58040U
VCC
GND
VT
VREF-AC
NC
Option: May connect VT to VCC.
Figure3c.CML
interface(DC-Coupled)
0.01µF
VCC
CML
IN
/IN
SY58040U
VCC
GND
VT
VREF-AC
Figure3d.CML
interface(AC-Coupled)
LVPECL
IN
/IN
SY58040U
VCC
0.01µF
VCC
Rpd
For VCC = 3.3V, Rpd = 50Ω.
For VCC = 2.5V, Rpd = 19Ω.
GND
VT
VREF-AC
NC
Figure3a.LVPECL
interface(DC-Coupled)
PartNumber
Function
DataSheetLink
SY58040U
Ultra Precision 4×4 CML Crosspoint Switch
http://www.micrel.com/product-info/products/sy58040u.shtml
with Internal Input/Output Termination
MLF® Application Note
www.amkor.com/products/notes_paper/MLF_AppNote.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION


Similar Part No. - SY58040UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040UMITR MICREL-SY58040UMITR Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMITR MICREL-SY58040UMITR Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58040UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040U MICREL-SY58040U Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_07 Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com