Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58035UMI Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY58035UMI
Description  4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58035UMI Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY58035UMI Datasheet HTML 3Page - Micrel Semiconductor SY58035UMI Datasheet HTML 4Page - Micrel Semiconductor SY58035UMI Datasheet HTML 5Page - Micrel Semiconductor SY58035UMI Datasheet HTML 6Page - Micrel Semiconductor SY58035UMI Datasheet HTML 7Page - Micrel Semiconductor SY58035UMI Datasheet HTML 8Page - Micrel Semiconductor SY58035UMI Datasheet HTML 9Page - Micrel Semiconductor SY58035UMI Datasheet HTML 10Page - Micrel Semiconductor SY58035UMI Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Precision Edge®
SY58035U
Micrel, Inc.
M9999-073010
hbwhelp@micrel.com or (408) 955-1690
OUTPUTINTERFACEAPPLICATIONS
R2
82Ω
R2
82Ω
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
R1
130Ω
R1
130Ω
+3.3V
Note: For 2.5V systems:
R1 = 250Ω, R2 = 62.5Ω
Figure4a.ParallelThevenin-Equivalent
Termination
Z = 50Ω
Z = 50Ω
50Ω
50Ω
50Ω
V
3
.
3
+
V
3
.
3
+
n
o
it
a
n
it
s
e
d
e
c
r
u
o
s
Rb C1
0.01µF
(optional)
Note: For 2.5V systems:
Rb = 19Ω
VCC
Figure4b.ParallelTermination
(3-Resistor)
PartNumber Function
DataSheetLink
SY58034U
6GHz, 1:6 CML Fanout Buffer with 2:1
http://www.micrel.com/product-info/products/sy58034u.shtml
MUX Input and Internal I/O Termination
SY58036U
6GHz, 1:6 400mV LVPECL Fanout Buffer with 2:1
http://www.micrel.com/product-info/products/sy58036u.shtml
MUX Input and Internal Termination
MLF® Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
LVPECL has high input impedance, very low output (open
emitter) impedance, and small signal swing, which results in
lowEMI.LVPECLisidealdriving50Ωand100Ωcontrolled
impedance transmission lines. There are several techniques
for terminating the LVECL output: parallel-thevenin equivalent
and parallel termination (3-resistor). Unused output pairs
maybeleftfloating.However,single-endedoutputsmustbe
terminated, or balanced.


Similar Part No. - SY58035UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58035UMI MICREL-SY58035UMI Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035UMITR MICREL-SY58035UMITR Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results

Similar Description - SY58035UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Renesas Technology Corp
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
   Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com