Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58033UMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58033UMITR
Description  ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58033UMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58033UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58033UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58033UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58033UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58033UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58033UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58033UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58033UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58033UMITR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Precision Edge®
SY58033U
Micrel, Inc.
M9999-072810
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Precision 1:8, 400mV LVPECL fanout buffer
Guaranteed AC performance over temperature and
voltage:
• Clockfrequencyrange: DCto5.5GHz
• <80pstr/tf times
• <280pstpd
• <20psskew
Low-jitterperformance:
• 76fsRMSphasejitter(typ)
100kLVPECLcompatibleoutputs
Fullydifferentialinputs/outputs
Acceptsaninputsignalaslowas100mV
UniqueinputterminationandVT pin accepts
DC-coupledandAC-coupleddifferentialinputs:
(LVPECL,LVDS,andCML)
Powersupply2.5V±5%or3.3V±10%
Industrial temperature range: –40°C to +85°C
Availablein32-pin(5mmx5mm)MLF®Package
FEATURES
ULTRA-PRECISION1:8FANOUT
bUFFER WITH400mV LVPECL OUTPUTS
AND INTERNAL TERMINATION
Precision Edge®
SY58033U
APPLICATIONS
AllSONETandallGigEclockdistribution
AllFibreChannelclockanddatadistribution
Networkroutingenginetimingdistribution
High-end,low-skewmultiprocessorsynchronous
clockdistribution
Rev.: E
Amendment: /0
Issue Date: July 2010
The SY58033U is a 2.5V/3.3V precision, high-speed, fully
differential 400mV LVPECL 1:8 fanout buffer. The SY58033U
is optimized to provide eight identical output copies with
less than 20ps of skew and only 76fsRMS phase jitter. It can
process clock signals as fast as 5.5GHz.
The differential input includes Micrel’s unique, 3-pin
input termination architecture that allows the SY58033U to
directly interface to LVPECL, CML, and LVDS differential
signal (AC- or DC-coupled) without any level-shifting or
termination resistor networks in the signal path. The result
is a clean, stub-free, low-jitter solution. The LVPECL (100k
temperature compensated) outputs feature a 400mV typical
swing into 50ý loads, and provide an extremely fast rise/fall
time guaranteed to be less than 80ps.
The SY58033U operates from a 2.5V ±5% supply or
3.3V ±10% supply and is guaranteed over the full industrial
temperature range (–40°C to +85°C). Other high-speed 1:8
fanout buffers include the CML SY58031U and the 800mV
LVPECL SY58032U. The SY58033U is part of Micrel’s high-
speed, Precision Edge® product line.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL bLOCk DIAGRAM
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®
Q1
/Q1
Q0
/Q0
IN
/IN
VT
50Ω
50Ω
VREF-AC
Q3
/Q3
Q2
/Q2
Q5
/Q5
Q4
/Q4
Q7
/Q7
Q6
/Q6


Similar Part No. - SY58033UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58033UMITR MICREL-SY58033UMITR Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
More results

Similar Description - SY58033UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U_10 Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
   ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U_07 Datasheet
526Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT vBUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com