Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58022U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58022U
Description  5.5GHz 1:4 FANOUT BUFFER/ translator w/400mV LVPECL OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58022U Datasheet(HTML) 9 Page - Micrel Semiconductor

  SY58022U_09 Datasheet HTML 1Page - Micrel Semiconductor SY58022U_09 Datasheet HTML 2Page - Micrel Semiconductor SY58022U_09 Datasheet HTML 3Page - Micrel Semiconductor SY58022U_09 Datasheet HTML 4Page - Micrel Semiconductor SY58022U_09 Datasheet HTML 5Page - Micrel Semiconductor SY58022U_09 Datasheet HTML 6Page - Micrel Semiconductor SY58022U_09 Datasheet HTML 7Page - Micrel Semiconductor SY58022U_09 Datasheet HTML 8Page - Micrel Semiconductor SY58022U_09 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Precision Edge®
SY58022U
Micrel, Inc.
16-PIN MicroLeadFrame® (MLF-16)
Package
EP- Exposed Pad
Die
CompSide Island
Heat Dissipation
Heavy Copper Plane
Heavy Copper Plane
VEE
VEE
Heat Dissipation
PCb Thermal Consideration for 16-Pin MLF® Package
(Always solder, or equivalent, the exposed pad to the PCb)
Package Notes:
1. PackagemeetsLevel2qualification.
2. All parts are dry-packaged before shipment.
3. Exposed pads must be soldered to a ground for proper thermal management.
MICREL, InC. 2180 FORTUnE DRIVE SAn JOSE, CA 95131 USA
tel
+ 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrelreservestherighttochangecircuitryandspecificationsatanytimewithoutnotificationtothecustomer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
thebodyor(b)supportorsustainlife,andwhosefailuretoperformcanbereasonablyexpectedtoresultinasignificantinjurytotheuser.APurchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Inc.


Similar Part No. - SY58022U_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58022UMI MICREL-SY58022UMI Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
SY58022UMITR MICREL-SY58022UMITR Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
More results

Similar Description - SY58022U_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58013U MICREL-SY58013U_11 Datasheet
587Kb / 10P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS
SY58022U MICREL-SY58022U Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
   ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com