Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58011UMITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58011UMITR
Description  7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58011UMITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58011UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SY58011U
Micrel, Inc.
M9999-051408
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 4
IN, /IN
Differential Input: This input pair is the signal to be buffered. Each pin of this pair internally
terminates with 50
Ω to the V
T pin. Note that this input will default to an indeterminate state
if left open. See
“Input Interface Applications” section.
2
VT
Input Termination Center-Tap: Each input terminates to this pin. The V
T pin provides a
center-tap for each input (IN, /IN) to a termination network for maximum interface flexibility.
See
“Input Interface Applications” section.
3
VREF-AC
Reference Output Voltage: This output biases to V
CC –1.2V. It is used when AC-coupling
the inputs (IN, /IN). Connect VREF-AC directly to the VT pin. Bypass with 0.01µF low ESR
capacitor to VCC. Maximum current source or sink is 0.5mA. See “Input Interface Applica
tions” section.
5, 8, 13, 16
VCC
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors as close to the
VCC pins as possible.
6, 7, 14, 15
GND,
Ground. Exposed pad must be connected to a ground plane that is the same potential
(Exposed Pad)
as the ground pin.
12, 11
Q0, /Q0,
CML Differential Output Pairs: Differential buffered output copy of the input signal. The
9, 10
Q1, /Q1
output swing is typically 400mV. Unused output pairs may be left floating with no impact on
jitter. See “
CML Output Termination” section.
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
IN
VT
VREF-AC
/IN
Q0
/Q0
/Q1
Q1
16-Pin MLF® (MLF-16)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58011UMI
MLF-16
Industrial
011U
Sn-Pb
SY58011UMITR(2)
MLF-16
Industrial
011U
Sn-Pb
SY58011UMG(3)
MLF-16
Industrial
011U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58011UMGTR(2, 3)
MLF-16
Industrial
011U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.


Similar Part No. - SY58011UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58011UMITR MICREL-SY58011UMITR Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58011UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_11 Datasheet
202Kb / 10P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_11 Datasheet
323Kb / 10P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com