Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72136N Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72136N
Description  PLL Frequency Synthesizer for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136N Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72136N Datasheet HTML 1Page - Sanyo Semicon Device LC72136N Datasheet HTML 2Page - Sanyo Semicon Device LC72136N Datasheet HTML 3Page - Sanyo Semicon Device LC72136N Datasheet HTML 4Page - Sanyo Semicon Device LC72136N Datasheet HTML 5Page - Sanyo Semicon Device LC72136N Datasheet HTML 6Page - Sanyo Semicon Device LC72136N Datasheet HTML 7Page - Sanyo Semicon Device LC72136N Datasheet HTML 8Page - Sanyo Semicon Device LC72136N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CMOS LSI
Ordering number : EN5608
N3096HA (OT) No. 5608-1/23
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
PLL Frequency Synthesizer
for Electronic Tuning
LC72136N, 72136NM
Overview
The LC72136N and LC72136NM are PLL frequency
synthesizers for use in radio/cassette players. They allow
high-performance AM/FM tuners to be implemented
easily.
Features
• High-speed programmable frequency divider
— FMIN: 10 to 160 MHz .....Pulse swallower
(divide-by-two prescaler built in)
— AMIN: 2 to 40 MHz .........Pulse swallower
0.5 to 10 MHz ......Direct division
• IF counter
IFIN: 0.4 to 12 MHz ................For use as an AM/FM IF
counter
• Reference frequency
— Selectable from one of eight frequencies (crystal
oscillator: 75 kHz)
1, 3, 5, 3.125, 6.25, 12.5, 15, and 25 kHz
• Phase comparator
— Supports dead zone control
— Built-in unlock detection circuit
— Built-in deadlock clear circuit
• Built-in MOS transistor for forming an active low-pass
filter
• I/O ports
— Dedicated output ports: 6
— I/O ports: 2
— Supports clock time base output
• Serial Data I/O
— Supports CCB format communication with the
system controller.
• Operating ranges
— Supply voltage: 4.5 to 5.5 V
— Operating temperature: –20 to +70°C
• Packages
—DIP22S/MFP24S
Package Dimensions
unit: mm
3059-DIP22S
SANYO: DIP22S
[LC72136N]
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
unit: mm
3112-MFP24S
SANYO: MFP24S
[LC72136NM]


Similar Part No. - LC72136N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136M SANYO-LC72136M Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results

Similar Description - LC72136N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
   PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com