Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY56020RMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY56020RMGTR
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56020RMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY56020RMGTR Datasheet HTML 3Page - Micrel Semiconductor SY56020RMGTR Datasheet HTML 4Page - Micrel Semiconductor SY56020RMGTR Datasheet HTML 5Page - Micrel Semiconductor SY56020RMGTR Datasheet HTML 6Page - Micrel Semiconductor SY56020RMGTR Datasheet HTML 7Page - Micrel Semiconductor SY56020RMGTR Datasheet HTML 8Page - Micrel Semiconductor SY56020RMGTR Datasheet HTML 9Page - Micrel Semiconductor SY56020RMGTR Datasheet HTML 10Page - Micrel Semiconductor SY56020RMGTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
SY56020R
November 2010
10
M9999-111810-A
hbwhelp@micrel.com
CML Output Termination
Figure 5a. 1.2V, 1.8V or 2.5V
CML DC-Coupled Termination
Figure 5b. 1.8V or 2.5V
CML DC-Coupled Termination
Figure 5c. CML AC-Coupled Termination
(VCCO 1.8V or 2.5V)
Figure 5d. CML AC-Coupled Termination
(VCCO 1.2V only)
Related Product and Support Documents
Part Number
Function
Datasheet Link
HBW Solutions
New Products and
Termination Application Notes
http://www.micrel.com/page.do?page=/product-info/as/HBWsolutions.shtml
or (408) 955-1690


Similar Part No. - SY56020RMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56020RMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR_1009 MICREL-SY56572XR_1009 Datasheet
336Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com