Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55859LMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY55859LMGTR
Description  3.3V, 3.2Gbps Dual 2X2 Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55859LMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY55859LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY55859LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY55859LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY55859LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY55859LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY55859LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY55859LMGTR Datasheet HTML 9Page - Micrel Semiconductor SY55859LMGTR Datasheet HTML 10Page - Micrel Semiconductor SY55859LMGTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micrel, Inc.
SY55859L
January 2010
7
M9999-012110-A
hbwhelp@micrel.com or (408) 955-1690
Typical Characteristics
Figure 1. Input Structure
Figure 4. Input Range
Figure 2. Output Structure
Figure 5a. Input Levels
Figure 3a. Output Levels
Figure 5b. Input Levels
Figure 3b. Output Levels
Figure 6. Output Interface


Similar Part No. - SY55859LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55859LMGTR MICREL-SY55859LMGTR Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
More results

Similar Description - SY55859LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
logo
ON Semiconductor
NB4L858M ONSEMI-NB4L858M_09 Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
logo
Texas Instruments
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com