Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY56020RMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY56020RMG
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56020RMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY56020RMG Datasheet HTML 1Page - Micrel Semiconductor SY56020RMG Datasheet HTML 2Page - Micrel Semiconductor SY56020RMG Datasheet HTML 3Page - Micrel Semiconductor SY56020RMG Datasheet HTML 4Page - Micrel Semiconductor SY56020RMG Datasheet HTML 5Page - Micrel Semiconductor SY56020RMG Datasheet HTML 6Page - Micrel Semiconductor SY56020RMG Datasheet HTML 7Page - Micrel Semiconductor SY56020RMG Datasheet HTML 8Page - Micrel Semiconductor SY56020RMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SY56020R
Low Voltage 1.2V/1.8V/2.5V CML 1:4
Fanout Buffer 6.4Gbps with Equalization
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The SY56020R is a fully-differential, low-voltage
1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with input
equalization. The SY56020R can process clock signals
as fast as 4.5GHz or data patterns up to 6.4Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination
architecture
that
interfaces
to
CML
differential
signals,
without
any
level-shifting
or
termination resistor networks in the signal path. The
differential input can also accept AC-coupled LVPECL
and LVDS signals. Input voltages as small as 200mV
(400mVpp) are applied before the 9”, 18” or 27” FR4
transmission line. For AC-coupled input interface
applications, an internal voltage reference is provided to
bias the VT pin. The outputs are CML, with extremely
fast rise/fall times guaranteed to be less than 90ps.
The SY56020R operates from a 2.5V ±5% core supply
and a 1.2V, 1.8V or 2.5V ±5% output supply and is
guaranteed over the full industrial temperature range
(–40°C to +85°C). The SY56020R is part of Micrel’s
high-speed, Precision Edge
® product line.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer
• Equalizes 9, 18, 27 inches of FR4
• Guaranteed AC performance over temperature and
voltage:
– DC-to > 6.4Gbps Data throughput
– DC-to > 4.5GHz Clock throughput
– <280 ps propagation delay (IN-to-Q)
– <15ps within-device skew
– <90ps rise/fall times
• Ultra-low jitter design
– <1psRMS random jitter
• High-speed CML outputs
• 2.5V ±5% VCC , 1.2/1.8V/2.5V ±5% VCCO power supply
operation
• Industrial temperature range: –40°C to +85°C
• Available in 16-pin (3mm x 3mm) QFN package
Applications
• Data distribution
• SONET clock and data distribution
• Fiber Channel clock and data distribution
• Gigabit Ethernet clock and data distribution
Markets
• Storage
• ATE
• Test and measurement
• Enterprise networking equipment
• High-end servers
• Metro area network equipment
November 2010
M9999-111810-A
hbwhelp@micrel.com or (408) 955-1690


Similar Part No. - SY56020RMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56020RMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR_1009 MICREL-SY56572XR_1009 Datasheet
336Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com