Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP33VKG Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100EP33VKG
Description  5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP33VKG Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY100EP33VKG Datasheet HTML 2Page - Micrel Semiconductor SY100EP33VKG Datasheet HTML 3Page - Micrel Semiconductor SY100EP33VKG Datasheet HTML 4Page - Micrel Semiconductor SY100EP33VKG Datasheet HTML 5Page - Micrel Semiconductor SY100EP33VKG Datasheet HTML 6Page - Micrel Semiconductor SY100EP33VKG Datasheet HTML 7Page - Micrel Semiconductor SY100EP33VKG Datasheet HTML 8Page - Micrel Semiconductor SY100EP33VKG Datasheet HTML 9Page - Micrel Semiconductor SY100EP33VKG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SY10EP33V/SY100EP33V
December 2010
6
M9999-121010
hbwhelp@micrel.com or (408) 955-1690
100EP LVPECL DC Electrical Characteristics
(1)
VCC = +3.3V ±10%; VEE = 0V ±10%
(2)
TA = −40°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
36
30
36
40
mA
VOH
Output HIGH Voltage
(3)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage
(3)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage
(Single-Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage
(Single-Ended)
1355
1675
1355
1675
1355
1675
mV
VBB
Output Voltage
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage
(4)
Common Mode Range
(Differential)
2.0
VCC
2.0
VCC
2.0
VCC
V
IIH
Input HIGH Current
150
150
150
µA
Input LOW Current
RESET, CLK
0.5
0.5
0.5
IIL
/CLK
−150
−150
−150
µA
Notes:
1.
100EP circuits are designed to meet the DC specifications shown in 100EP LVPECL DC EC Table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and traverse greater than 500lfpm is maintained.
2.
Input and output parameters vary 1:1 with VCC.
3.
All loading with 50Ω to VCC −2.0V.
4.
The VIHCMR (minimum) varies 1:1 with VEE. The VIHCMR range is referenced to the most positive side of the differential input signal.


Similar Part No. - SY100EP33VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP33VKG MICREL-SY100EP33VKG Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY100EP33VKGTR MICREL-SY100EP33VKGTR Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
More results

Similar Description - SY100EP33VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com