Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP33VKGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EP33VKGTR
Description  5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP33VKGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EP33VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP33VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP33VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP33VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP33VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP33VKGTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP33VKGTR Datasheet HTML 7Page - Micrel Semiconductor SY10EP33VKGTR Datasheet HTML 8Page - Micrel Semiconductor SY10EP33VKGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SY10EP33V/SY100EP33V
December 2010
3
M9999-121010
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Power Supply Voltage
VEE = 0......................................................... +6.0V to 0V
VCC = 0 ........................................................ −6.0V to 0V
Input Voltage
VCC = 0V
(VIN not more negative than VEE) ................ −6.0V to 0V
VEE = 0V
(VIN not more negative than VCC)................ +6.0V to 0V
Output Current
Continuous............................................................50mA
Surge ..................................................................100mA
Operating Ratings
Operating Temperature Range (TA)............ −40°C to +85°C
Lead Temperature (TLEAD)........................................ +260°C
Storage Temperature Range (TSTORE)....... −65°C to +150°C
Thermal Resistance (Junction-to-Ambient)
SOIC-8 (
θJA)
Still Air .......................................................160
°C/W
500lfpm .....................................................109
°C/W
MSOP-8 (
θJA)
Still Air .......................................................206°C/W
500lfpm .....................................................155
°C/W
Thermal Resistance (Junction-to-Case)
SOIC-8 (
θJC).......................................................39°C/W
MSOP-8 (
θJC).....................................................39°C/W
10EP LVPECL DC Electrical Characteristics
(2)
VCC = +3.3V ±10%; VEE =0V
(3)
TA = −40°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
36
26
36
36
mA
VOH
Output HIGH Voltage
(4)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage
(4)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage
(Single-Ended)
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage
(Single-Ended)
1365
1690
1430
1755
1490
1815
mV
VBB
Output Voltage
1790
1890
1990
1885
1955
2055
1915
2015
2115
mV
VIHCMR
Input HIGH Voltage
(5)
Common Mode Range
(Differential)
2.0
VCC
2.0
VCC
2.0
VCC
V
IIH
Input HIGH Current
150
150
150
µA
Input LOW Current
RESET, CLK
0.5
0.5
0.5
IIL
/CLK
−150
−150
−150
µA
Notes:
1.
Permanent device damage may occur is absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2.
10EP circuits are designed to meet the DC specifications shown in 10EP LVPECL DC EC Table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and traverse greater than 500lfpm is maintained.
3.
Input and output parameters vary 1:1 with VCC.
4.
All loading with 50Ω to VCC −2.0V.
5.
The VIHCMR range is referenced to the most positive side of the differential input signal.


Similar Part No. - SY10EP33VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33VKGTR MICREL-SY10EP33VKGTR Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
More results

Similar Description - SY10EP33VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com