Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S834LZCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S834LZCTR
Description  (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S834LZCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S834LZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 5Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Precision Edge®
SY100S834
SY100S834L
Micrel, Inc.
M9999-111009
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay
CLK
960
1100
1200
960
1100
1200
960
1100
1200
960
1100
1200
ps
tPHL
to Output
MR
650
800
1010
650
800
1010
650
800
1010
650
800
1010
tskew
Within-Device Skew(4)
——
50
50
50
50
ps
tS
Set-up Time EN
400
400
400
400
ps
tH
Hold Time EN
200
200
200
200
ps
VPP
Minimum Input Swing
250
250
250
250
mV
tr
Output Rise/Fall Times
275
400
525
275
400
525
275
400
525
275
400
525
ps
tf
Q (20% – 80%)
Notes:
3. Parametric values specified at:
5 volt Power Supply Range
100S834 Series:
-4.2V to -5.5V.
3 volt Power Supply Range
100S834L Series
-3.0V to -3.8V.
4. Within-Device Skew is specified for identical transition.
AC ELECTRICAL CHARACTERISTICS(3)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
——
49
49
49
54
mA
VOH
Output HIGH Voltage
-1085 -1005
-880
-1025
-955
-880
-1025
-955
-880
-1025
-955
-880
mV
VOL
Output LOW Voltage
-1830 -1695 -1555 -1830 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620
mV
VIH
Input HIGH Voltage
-1165
-880
-1165
-880
-1165
-880
-1165
-880
mV
VIL
Input LOW Voltage
-1810
-1475 -1810
-1475 -1810
-1475 -1810
-1475
mV
VBB
Output Reference Voltage -1.38
-1.26
-1.38
-1.26
-1.38
-1.26
-1.38
-1.26
V
VCMR
Common Mode Range(2)
-1.3
-0.4
-1.4
-0.4
-1.4
-0.4
-1.4
-0.4
V
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
Note:
2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table
assume a nominal VEE = –3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V – IVCMR (min)I.
NECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VCC = GND; RL = 50Ω to VCC–2V, VEE = -3.0V to -5.5V


Similar Part No. - SY100S834LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S834LZCTR MICREL-SY100S834LZCTR Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834LZCTR MICREL-SY100S834LZCTR Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834LZCTR MICREL-SY100S834LZCTR Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results

Similar Description - SY100S834LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_06 Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com