Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP33VKCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EP33VKCTR
Description  5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP33VKCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EP33VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EP33VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EP33VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EP33VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EP33VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EP33VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY100EP33VKCTR Datasheet HTML 7Page - Micrel Semiconductor SY100EP33VKCTR Datasheet HTML 8Page - Micrel Semiconductor SY100EP33VKCTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
SY10EP33V/SY100EP33V
December 2010
2
M9999-121010
hbwhelp@micrel.com or (408) 955-1690
Truth Table
CLK
/CLK
RESET
Q
/Q
X
X
Z
(2)
L
H
L
F
F
Notes:
1.
F = Divide by 4 function.
2.
Z = LOW to HIGH transition.
Ordering Information
(1)
Part Number
Package Type
Operating Range
Package Marking
Lead Finish
SY10EP33VZC
Z8-1
Commercial
HEP33V
Sn-Pb
SY10EP33VZCTR
(2)
Z8-1
Commercial
HEP33V
Sn-Pb
SY100EP33VZC
Z8-1
Commercial
XEP33V
Sn-Pb
SY100EP33VZCTR
(2)
Z8-1
Commercial
XEP33V
Sn-Pb
SY10EP33VKC
K8-1
Commercial
HP33
Sn-Pb
SY10EP33VKCTR
(2)
K8-1
Commercial
HP33
Sn-Pb
SY100EP33VKC
K8-1
Commercial
XP33
Sn-Pb
SY100EP33VKCTR
(2)
K8-1
Commercial
XP33
Sn-Pb
SY10EP33VZI
Z8-1
Industrial
HEP33V
Sn-Pb
SY10EP33VZITR
(2)
Z8-1
Industrial
HEP33V
Sn-Pb
SY100EP33VZI
Z8-1
Industrial
XEP33V
Sn-Pb
SY100EP33VZITR
(2)
Z8-1
Industrial
XEP33V
Sn-Pb
SY10EP33VKI
K8-1
Industrial
HP33
Sn-Pb
SY10EP33VKITR
(2)
K8-1
Industrial
HP33
Sn-Pb
SY100EP33VKI
K8-1
Industrial
XP33
Sn-Pb
SY100EP33VKITR
(2)
K8-1
Industrial
XP33
Sn-Pb
SY10EP33VZG
(3)
Z8-1
Industrial
HEP33V with Pb-Free Bar-Line Indicator
NiPdAu/Pb-Free
SY10EP33VZGTR
(2, 3)
Z8-1
Industrial
HEP33V with Pb-Free Bar-Line Indicator
NiPdAu/Pb-Free
SY100EP33VZG
(3)
Z8-1
Industrial
XEP33V with Pb-Free Bar-Line Indicator
NiPdAu/Pb-Free
SY100EP33VZGTR
(2, 3)
Z8-1
Industrial
XEP33V with Pb-Free Bar-Line Indicator
NiPdAu/Pb-Free
SY10EP33VKG
(3)
K8-1
Industrial
HP33V with Pb-Free Bar-Line Indicator
NiPdAu/Pb-Free
SY10EP33VKGTR
(2, 3)
K8-1
Industrial
HP33V with Pb-Free Bar-Line Indicator
NiPdAu/Pb-Free
SY100EP33VKG
(3)
K8-1
Industrial
XP33V with Pb-Free Bar-Line Indicator
NiPdAu/Pb-Free
SY100EP33VKGTR
(2, 3)
K8-1
Industrial
XP33V with Pb-Free Bar-Line Indicator
NiPdAu/Pb-Free
Notes:
1.
Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2.
Tape and Reel.
3.
Pb-Free package is recommended for new designs.


Similar Part No. - SY100EP33VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP33VKCTR MICREL-SY100EP33VKCTR Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
More results

Similar Description - SY100EP33VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com