Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP33VKC Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY100EP33VKC
Description  5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP33VKC Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY100EP33VKC Datasheet HTML 3Page - Micrel Semiconductor SY100EP33VKC Datasheet HTML 4Page - Micrel Semiconductor SY100EP33VKC Datasheet HTML 5Page - Micrel Semiconductor SY100EP33VKC Datasheet HTML 6Page - Micrel Semiconductor SY100EP33VKC Datasheet HTML 7Page - Micrel Semiconductor SY100EP33VKC Datasheet HTML 8Page - Micrel Semiconductor SY100EP33VKC Datasheet HTML 9Page - Micrel Semiconductor SY100EP33VKC Datasheet HTML 10Page - Micrel Semiconductor SY100EP33VKC Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
SY10EP33V/SY100EP33V
December 2010
9
M9999-121010
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(1,2)
NECL: VCC = 0V; VEE = −3.3V to −5.0V ±10%; PECL: VEE = 0V, VCC = +3.3V to +5.0 ±10%.
TA = −40°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Frequency
(3)
4
4
4
GHz
Propagation Delay to Output
CLK → Q
300
380
440
300
380
440
320
400
460
(SY10EP33V) RESET → Q
300
420
470
290
420
470
320
450
500
tPLH
tPHL
(SY100EP33V) RESET → Q
310
420
470
310
420
470
320
450
500
ps
tRR
Set/Reset Recovery
(3)
200
200
100
200
ps
tPW
Minimum Pulse Width
RESET
550
550
200
550
ps
tJITTER
Cycle-to-Cycle RMS Jitter
(4)
0.2
< 1
0.2
< 1
0.2
< 1
Ps(rms)
VPP
Input voltage Swing
(Differential)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times Q,/Q
(20% to 80%)
90
170
200
100
180
220
120
200
240
ps
Notes:
1.
Measured using a 750mVsource, 50% duty cycle clock source. All loading with 50Ω to VCC −2.0V.
2.
Specifications for packaged product only.
3.
Setup time of reset going low before the rising edge of incoming clock.
4.
fMAX guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.


Similar Part No. - SY100EP33VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP33VKC MICREL-SY100EP33VKC Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY100EP33VKCTR MICREL-SY100EP33VKCTR Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
More results

Similar Description - SY100EP33VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com