Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL33LZC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL33LZC
Description  5V/3.3V 첨 4 DIVIDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL33LZC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL33LZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL33LZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL33LZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL33LZC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Precision Edge®
SY10EL33/L
SY100EL33/L
Micrel, Inc.
M9999-120406
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
PIN NAMES
5V/3.3V
÷ 4 DIVIDER
Pin
Function
CLK
Clock Inputs
Reset
Asynchronous Reset
VBB
Reference Voltage Output
Q
Data Outputs
Precision Edge®
SY10EL33/L
SY100EL33/L
■ 3.3V and 5V power supply options
■ 650ps propagation delay
■ 4.0GHz toggle frequency
■ High bandwidth output transistions
■ Internal 75kinput pull-down resistors
■ Available in 8-pin SOIC package
The SY10/100EL33/L are integrated ÷4 dividers. The
differential clock inputs and the VBB allow a differential,
single-ended or AC-coupled interface to the device. If
used, the VBB output should be bypassed to ground with
a 0.01µF capacitor. Also note that the VBB is designed to
be used as an input bias on the EL33/L only; the VBB
output has limited current sink and source capability.
The reset pin is asynchronous and is asserted on the
rising edge. Upon power-up, the internal flip-flops will
attain a random state; the reset input allows for the
synchronization of multiple EL33/Ls in a system.
Rev.: H
Amendment: /0
Issue Date:
December 2006
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®


Similar Part No. - SY100EL33LZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL33LZC MICREL-SY100EL33LZC Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY100EL33LZCTR MICREL-SY100EL33LZCTR Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
More results

Similar Description - SY100EL33LZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com