Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP14AU Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100EP14AU
Description  2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP14AU Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100EP14AU Datasheet HTML 1Page - Micrel Semiconductor SY100EP14AU Datasheet HTML 2Page - Micrel Semiconductor SY100EP14AU Datasheet HTML 3Page - Micrel Semiconductor SY100EP14AU Datasheet HTML 4Page - Micrel Semiconductor SY100EP14AU Datasheet HTML 5Page - Micrel Semiconductor SY100EP14AU Datasheet HTML 6Page - Micrel Semiconductor SY100EP14AU Datasheet HTML 7Page - Micrel Semiconductor SY100EP14AU Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Micrel, Inc.
SY100EP14AU
June 2010
5
M9999-061110-A
hbwhelp@micrel.com
(100KEP) LVPECL DC Electrical Characteristics
(1)
VCC = 2.5V ± 5%, VEE = 0V; -40°C≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input LOW Voltage
(2) (Single-ended)
555
875
mV
VIH
Input HIGH Voltage
(2) (Single-ended)
1335
1620
mV
VOL
Output LOW Voltage
50Ω to VCC –2V
555
700
900
mV
VOH
Output HIGH Voltage
50Ω to VCC –2V
1355
1480
1605
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(3)
1.2
VCC
V
(100KEP) LVPECL DC Electrical Characteristics
(1)
VCC = 3.3V ± 10%, VEE = 0V; -40°C≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input LOW Voltage
(2) (Single-ended)
1355
1675
mV
VIH
Input HIGH Voltage
(2) (Single-ended)
2135
2420
mV
VOL
Output LOW Voltage
50Ω to VCC –2V
1355
1500
1700
mV
VOH
Output HIGH Voltage
50Ω to VCC –2V
2155
2280
2405
mV
VBB
Reference Voltage
(2)
VCC = 3.3V
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(3)
1.2
VCC
V
(100KEP) LVECL DC Electrical Characteristics
(1)
VEE = –2.37V to –3.6V, VCC = 0V; -40°C≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input LOW Voltage (Single-ended)
–1945
–1625
mV
VIH
Input HIGH Voltage (Single-ended)
–1165
–880
mV
VOL
Output LOW Voltage
50Ω to VCC –2V
–1945
–1800
–1600
mV
VOH
Output HIGH Voltage
50Ω to VCC –2V
–1145
–1020
–895
mV
VBB
Output Reference Voltage
(2)
–1525
–1425
–1325
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(3)
VEE + 1.2
0.0
V
Notes:
1.
100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is
in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters vary1:1
with VCC.
2.
Single-ended input operation is limited VEE ≤ –3.0V in ECL/LVECL mode. VBB reference varies 1:1 with VCC.
3.
VIHCMR(min) varies 1:1 with VEE, VIHCMR(max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal.


Similar Part No. - SY100EP14AU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP140L MICREL-SY100EP140L Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
SY100EP140LZC MICREL-SY100EP140LZC Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
SY100EP140LZCTR MICREL-SY100EP140LZCTR Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
SY100EP140LZG MICREL-SY100EP140LZG Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
SY100EP140LZGTR MICREL-SY100EP140LZGTR Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
More results

Similar Description - SY100EP14AU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14U MICREL-SY100EP14U Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14U MICREL-SY100EP14U_10 Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com