Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL57 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EL57
Description  4:1 DIFFERENTIAL MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL57 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EL57_10 Datasheet HTML 1Page - Micrel Semiconductor SY10EL57_10 Datasheet HTML 2Page - Micrel Semiconductor SY10EL57_10 Datasheet HTML 3Page - Micrel Semiconductor SY10EL57_10 Datasheet HTML 4Page - Micrel Semiconductor SY10EL57_10 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY10EL57
SY100EL57
Micrel, Inc.
M9999-021910
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Max.
Min.
Max.
MIn.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
-1080
-890
-1020
-840
-980
-810
-910
-720
mV
VOL
Output LOW Voltage
-1950
-1650
-1950
-1630
-1950
-1630
-1950
-1595
mV
VIH
Input HIGH Voltage
-1230
-890
-1170
-840
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage
-1950
-1500
-1950
-1480
-1950
-1480
-1950
-1445
mV
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH Voltage
-1085
-1005
-880
-1025
-955
-880
mV
VIN = VIH (Max) or VIL (Min)
VOL
Output LOW Voltage
-1830
-1695
-1555
-1810
-1705
-1620
mV
VIN = VIH (Max) or VIL (Min)
VOHA
Output HIGH Voltage
-1095
-1035
mV
VIN = VIH (Min) or VIL (Max)
VOLA
Output LOW Voltage
-1555
-1610
mV
VIN = VIH (Min) or VIL (Max)
VIH
Input HIGH Voltage
-1165
-880
-1165
-880
mV
VIL
Input LOW Voltage
-1810
-1475
-1810
-1475
mV
IIL
Input LOW Current
0.5
0.5
µAVIN = VIL (Max)
Symbol
Rating
Value
Unit
VEE
Power Supply (VCC = 0V)
–8.0 to 0
V
VIN
Input Voltage (VCC = 0V)
0 to -6.0
V
IOUT
Output Current
- Continuous
50
mA
- Surge
100
TLEAD
Lead Storage Temperature
+260
˚C
TA
Operating Temperature Range
-40 to +85
˚C
VEE
Operating Range(1), (2)
-5.7 to -4.2
V
Notes:
1. Absolute maximum ratings, beyond which, device life may be impaired, unless otherwise specified on an individual data sheet.
2. Parametric values specified at:
5 volt Power Supply Range
100EL57 Series:
-4.2V to -5.5V.
10EL57 Series
-4.75V to -5.5V.
TA = -40˚C
TA = 0˚C
TA = +25˚C
TA = +85˚C
10EL DC CHARACTERISTICS
TA =-40˚C
TA =0˚C to 85C
100EL DC CHARACTERISTICS
VEE = -5.5 to -4.75V; VCC = GND = 0V(1)
Note:
1. The same DC parameter values at VEE = -4.5V now apply across the full VEE range of -4.2V to -5.5V. Outputs are terminated through a 50
Ω resistor
to -2.0V except where otherwise specified on the individual data sheets.
Note:
1. 10EL circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is in a test
socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. Outputs are terminated through a 50
resistor to -2.0V except where otherwise specified on the individual data sheets.
VEE = -5.5 to -4.75V; VCC = GND = 0V(1)
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - SY10EL57_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL57ZC MICREL-SY10EL57ZC Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57ZC MICREL-SY10EL57ZC Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57ZCTR MICREL-SY10EL57ZCTR Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57ZCTR MICREL-SY10EL57ZCTR Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57ZG MICREL-SY10EL57ZG Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
More results

Similar Description - SY10EL57_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com