Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL11VZC Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY10EL11VZC
Description  1:2 DIFFERENTIAL FANOUT BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL11VZC Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY10EL11VZC Datasheet HTML 1Page - Micrel Semiconductor SY10EL11VZC Datasheet HTML 2Page - Micrel Semiconductor SY10EL11VZC Datasheet HTML 3Page - Micrel Semiconductor SY10EL11VZC Datasheet HTML 4Page - Micrel Semiconductor SY10EL11VZC Datasheet HTML 5Page - Micrel Semiconductor SY10EL11VZC Datasheet HTML 6Page - Micrel Semiconductor SY10EL11VZC Datasheet HTML 7Page - Micrel Semiconductor SY10EL11VZC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SY10EL11V
SY100EL11V
Micrel, Inc.
M9999-052610
hbwhelp@micrel.com or (408) 955-1690
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Unit
t
PLH
PropagationDelayto
135
260
385
185
260
335
190
265
340
215
290
365
ps
t
PHL
Output D
tskew
Within-DeviceSkew(2)
5
5
20
5
20
5
20
ps
DutyCycleSkew(3)
5
5
20
5
20
5
20
t
JITTER
RandomClockJitter(RMS) —
0.6
ps
V
PP
MinimumInputSwing(4)
150
150
150
150
mV
V
CMR
CommonModeRange(5)
–1.3
–0.4 –1.4
–0.4 –1.4
–0.4 –1.4
–0.4
V
tr
OutputRise/FallTimesQ
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS(1)
VEE=VEE(Min.)toVEE(Max.);VCC=GND
Notes:
1.
Parametricvaluesspecifiedat:
10/100EL11VSeries:
-3.0Vto-5.5V.
2.
Within-deviceskewdefinedasidenticaltransitionsonsimilarpathsthroughadevice.
3.
DutycycleskewisthedifferencebetweenatPLHandtPHLpropagationdelaythroughadevice.
4.
MinimuminputswingforwhichACparametersareguaranteed.ThedevicehasaDCgainof 40.
5.
TheCMRrangeisreferencedtothemostpositivesideofthedifferentialinputsignal.NormaloperationisobtainediftheHIGHlevelfalls
withinthespecifiedrangeandthepeak-to-peakvoltageliesbetweenVPPmin.and1V.ThelowerendoftheCMRrangevaries1:1withVEE.
ThenumbersinthespectableassumeanominalVEE=–3.3V.NoteforPECLoperation,theVCMR(min)willbefixedat3.3V–|VCMR
(min)|.


Similar Part No. - SY10EL11VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11VZC MICREL-SY10EL11VZC Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZC MICREL-SY10EL11VZC Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZCTR MICREL-SY10EL11VZCTR Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZCTR MICREL-SY10EL11VZCTR Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY10EL11VZC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com