Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LP0108ESR-5SRS0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1LP0108ESR-5SRS0
Description  1Mb Advanced LPSRAM (128k word x 8bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0108ESR-5SRS0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1LP0108ESR-5SRS0 Datasheet HTML 1Page - Renesas Technology Corp R1LP0108ESR-5SRS0 Datasheet HTML 2Page - Renesas Technology Corp R1LP0108ESR-5SRS0 Datasheet HTML 3Page - Renesas Technology Corp R1LP0108ESR-5SRS0 Datasheet HTML 4Page - Renesas Technology Corp R1LP0108ESR-5SRS0 Datasheet HTML 5Page - Renesas Technology Corp R1LP0108ESR-5SRS0 Datasheet HTML 6Page - Renesas Technology Corp R1LP0108ESR-5SRS0 Datasheet HTML 7Page - Renesas Technology Corp R1LP0108ESR-5SRS0 Datasheet HTML 8Page - Renesas Technology Corp R1LP0108ESR-5SRS0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
R10DS0029EJ0200
Rev.2.00
Page 1 of 15
2011.01.14
R1LP0108E Series
1Mb Advanced LPSRAM (128k word x 8bit)
Description
The R1LP0108E Series is a family of low voltage 1-Mbit static RAMs organized as 131,072-word by 8-bit, fabricated
by Renesas’s high-performance 0.15um CMOS and TFT technologies. The R1LP0108E Series has realized higher
density, higher performance and low power consumption. The R1LP0108E Series is suitable for memory applications
where a simple interfacing, battery operating and battery backup are the important design objectives. It has been
packaged in 32-pin SOP,32-pin TSOP and 32-pin sTSOP.
Features
• Single 4.5~5.5V power supply
• Small stand-by current: 1µA (5.0V, typical)
• No clocks, No refresh
• All inputs and outputs are TTL compatible.
• Easy memory expansion by CS1# and CS2
• Common Data I/O
• Three-state outputs: OR-tie Capability
• OE# prevents data contention on the I/O bus
R10DS0029EJ0200
Rev.2.00
2011.01.14


Similar Part No. - R1LP0108ESR-5SRS0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0108ESA-5SI RENESAS-R1LP0108ESA-5SI Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESA-5SI#B** RENESAS-R1LP0108ESA-5SI#B* Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESA-5SI#B1 RENESAS-R1LP0108ESA-5SI#B1 Datasheet
359Kb / 13P
   1Mb Advanced LPSRAM
R1LP0108ESA-5SI#S** RENESAS-R1LP0108ESA-5SI#S* Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESA-5SI#S1 RENESAS-R1LP0108ESA-5SI#S1 Datasheet
359Kb / 13P
   1Mb Advanced LPSRAM
More results

Similar Description - R1LP0108ESR-5SRS0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_15 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E Datasheet
126Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E_15 Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
   8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com