Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29152WT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC29152WT
Description  High-Current Low-Dropout Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29152WT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC29152WT Datasheet HTML 1Page - Micrel Semiconductor MIC29152WT Datasheet HTML 2Page - Micrel Semiconductor MIC29152WT Datasheet HTML 3Page - Micrel Semiconductor MIC29152WT Datasheet HTML 4Page - Micrel Semiconductor MIC29152WT Datasheet HTML 5Page - Micrel Semiconductor MIC29152WT Datasheet HTML 6Page - Micrel Semiconductor MIC29152WT Datasheet HTML 7Page - Micrel Semiconductor MIC29152WT Datasheet HTML 8Page - Micrel Semiconductor MIC29152WT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MIC29150/29300/29500/29750
High-Current Low-Dropout Regulators
**See Thermal Design Section
Super βeta PNP is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2010
M9999-050510-B
General Description
The MIC29150/29300/29500/29750 are high current, high
accuracy, low-dropout voltage regulators. Using Micrel's
proprietary Super βeta PNP
® process with a PNP pass
element, these regulators feature 350mV to 425mV (full
load) typical dropout voltages and very low ground current.
Designed for high current loads, these devices also find
applications in lower current, extremely low dropout-critical
systems, where their tiny dropout voltage and ground
current values are important attributes.
The MIC29150/29300/29500/29750 are fully protected
against overcurrent faults, reversed input polarity, reversed
lead insertion, overtemperature operation, and positive
and negative transient voltage spikes. Five pin fixed
voltage versions feature logic level ON/OFF control and an
error flag which signals whenever the output falls out of
regulation. Flagged states include low input voltage
(dropout), output current limit, overtemperature shutdown,
and extremely high voltage spikes on the input.
On the MIC29xx1 and MIC29xx2, the ENABLE pin may be
tied to VIN if it is not required for ON/OFF control. The
MIC29150/29300/29500 are available in 3-pin and 5-pin
TO-220 and surface mount TO-263 (D
2Pak) packages.
The MIC29750 7.5A regulators are available in 3-pin and
5-pin TO-247 packages.
The 1.5A, adjustable output
MIC29152 is available in a 5-pin power D-Pak (TO-252)
package.
For applications with input voltage 6V or below, see
MIC37xxx LDOs.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• High current capability
MIC29150/29151/29152/29153.................................1.5A
MIC29300/29301/29302/29303....................................3A
MIC29500/29501/29502/29503....................................5A
MIC29750/29751/29752............................................7.5A
• Low-dropout voltage
• Low ground current
• Accurate 1% guaranteed tolerance
• Extremely fast transient response
• Reverse-battery and “Load Dump” protection
• Zero-current shutdown mode (5-pin versions)
• Error flag signals output out-of-regulation (5-pin
versions)
• Also characterized for smaller loads with industry-
leading performance specifications
• Fixed voltage and adjustable versions
Applications
• Battery powered equipment
• High-efficiency “Green” computer systems
• Automotive electronics
• High-efficiency linear lower supplies
• High-efficiency lost-regulator for switching supply
_________________________________________________________________________________________________________________________
Typical Application**
Fixed Output Voltage
Adjustable Output Voltage
(*See Minimum Load Current Section)


Similar Part No. - MIC29152WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29152WT MICREL-MIC29152WT Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29152WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com