Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM840001 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SM840001
Description  106.25MHz Ultra-Low Jitter Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840001 Datasheet(HTML) 6 Page - Micrel Semiconductor

  SM840001 Datasheet HTML 1Page - Micrel Semiconductor SM840001 Datasheet HTML 2Page - Micrel Semiconductor SM840001 Datasheet HTML 3Page - Micrel Semiconductor SM840001 Datasheet HTML 4Page - Micrel Semiconductor SM840001 Datasheet HTML 5Page - Micrel Semiconductor SM840001 Datasheet HTML 6Page - Micrel Semiconductor SM840001 Datasheet HTML 7Page - Micrel Semiconductor SM840001 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Micrel, Inc.
SM840001
March 2010
6
M9999-031810-B
hbwhelp@micrel.com or (408) 955-1690
Power Supply Filtering
The SM840001 provides separate power supply pins to
isolate any high switching noise from outputs to internal
core blocks. VDD and VDDA should be individually
connected to the power plane through vias. Bypass
capacitors should be used for each pin. Figure 2
illustrates how the power supply filter for 3.3V and 2.5V
is configured.
Figure 2.
Crystal Loading
Crystal Recommendations
This device requires a parallel resonance crystal.
Substituting a series resonance crystal will cause this
device to operate at the wrong frequency and violate the
ppm specifications.
To achieve low ppm error, the total capacitance of the
crystal must be considered in order to calculate
appropriate capacitive loading (CL).
Load Capacitance at each side: Trim Capacitance = Ct =
(2*CL-(Cb + Cd))
CL: Crystal load capacitance. Defined by manufacturer
Ct: External trim capacitors. (Trimmed CL Load
capacitance to get the right ppm)
Cb: Board capacitance (vias, traces, etc.)
Cd: Internal capacitance of the device (lead frame, bond
wires, pin, etc.)
Equivalent Series
Resistance (ESR)
Max.
Cut
Load
Cap.
Shunt
Cap.
Max.
Drive
Max.
50Ω
AT
18pF
7pF
0.1m
W
Crystal Input Interface


Similar Part No. - SM840001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KATR MICREL-SM840002KATR Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840004-11KA MICREL-SM840004-11KA Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
More results

Similar Description - SM840001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
logo
Microchip Technology
MX573ABB106M250 MICROCHIP-MX573ABB106M250 Datasheet
1Mb / 3P
   Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com