Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC69153YME Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC69153YME
Description  Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69153YME Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC69153YME Datasheet HTML 1Page - Micrel Semiconductor MIC69153YME Datasheet HTML 2Page - Micrel Semiconductor MIC69153YME Datasheet HTML 3Page - Micrel Semiconductor MIC69153YME Datasheet HTML 4Page - Micrel Semiconductor MIC69153YME Datasheet HTML 5Page - Micrel Semiconductor MIC69153YME Datasheet HTML 6Page - Micrel Semiconductor MIC69153YME Datasheet HTML 7Page - Micrel Semiconductor MIC69153YME Datasheet HTML 8Page - Micrel Semiconductor MIC69153YME Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Micrel, Inc.
MIC69151/153
July 2010
7
M9999-071210-D
Application Information
The MIC69151/153 is an ultra-high performance low
dropout linear regulator designed for high current
applications requiring a fast transient response. It utilizes
a single input supply, perfect for low-voltage DC-to-DC
conversion. The MIC69151/153 requires a minimum
number of external components.
The MIC69151/153 regulator is fully protected from
damage due to fault conditions offering constant current
limiting and thermal shutdown.
Input Supply Voltage
VIN provides high current to the collector of the pass
transistor. The minimum input voltage is 1.65V allowing
conversion from low voltage supplies.
Output Capacitor
The MIC69151/153 requires a minimum of output
capacitance to maintain stability. However, proper
capacitor selection is important to ensure desired
transient response. The MIC69151/153 is specifically
designed to be stable with low ESR ceramic chip
capacitors. A 10µF ceramic chip capacitor should satisfy
most applications. Output capacitor can be increased
without bound. See typical characteristics for examples
of load transient response.
X7R dielectric ceramic capacitors are recommended
because of their temperature performance. X7R-type
capacitors change capacitance by only 15% over their
operating temperature range and are the most stable
type of ceramic capacitors. Z5U and Y5V dielectric
capacitors change value by as much as 50% and 60%,
respectively over their operating temperature ranges. To
use a ceramic chip capacitor with Y5V dielectric the
value must be much higher than an X7R ceramic or a
tantalum capacitor to ensure the same capacitance
value over the operating temperature range. Tantalum
capacitors have a very stable dielectric (10% over their
operating temperature range) and can also be used with
this device.
Input Capacitor
An input capacitor of 1µF or greater is recommended
when the device is more than 4 inches away from the
bulk supply capacitance or when the supply is a battery.
Small, surface mount, ceramic chip capacitors can be
used for the bypassing. The capacitor should be placed
within 1 inch of the device for optimal performance.
Larger values will help to improve ripple rejection by
bypassing the input to the regulator further improving the
integrity of the output voltage.
Minimum Load Current
The MIC69151/153 regulator is specified between finite
loads. If the output current is too small, leakage currents
dominate and the output voltage rises. A 10mA minimum
load current is necessary for proper operation.
Adjustable Regulator Design
The MIC69153 adjustable version allows programming
the output voltage anywhere between 0.5V and 5.5V
with two resistors. The resistor value between VOUT and
the adjust pin should not exceed 10kΩ. Larger values
can cause instability. The resistor values are calculated
by:
⎟⎟
⎜⎜
+
=
1
R
R
0.5
V
2
1
OUT
Where VOUT is the desired output voltage.
Enable
The fixed output voltage versions of the MIC69151
feature an active high enable input (EN) that allows on-
off control of the regulator. Current drain reduces to near
“zero” when the device is shutdown, with only
microamperes of leakage current. EN may be directly
tied to VIN and pulled up to the maximum supply voltage.
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics. Thermal design requires the following
application-specific parameters:
• Maximum ambient temperature (TA)
• Output current (IOUT)
• Output voltage (VOUT)
• Input voltage (VIN)
• Ground current (IGND)
First, calculate the power dissipation of the regulator
from these numbers and the device parameters from this
data sheet.
PD = (VIN – VOUT) IOUT + VIN IGND
where the ground current is approximated by using
numbers from the “Electrical Characteristics” or “Typical
Characteristics” sections. The maximum allowable
power dissipation of any TA (ambient temperature) is
PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum
allowable power dissipation will result in excessive die
temperature and the regulator will go into thermal
shutdown.
Refer to “Application Note 9” for further details and
examples on thermal design and heat sink applications.


Similar Part No. - MIC69153YME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69153YME MICREL-MIC69153YME Datasheet
241Kb / 9P
   Single Supply
More results

Similar Description - MIC69153YME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
   5A, Low VIN, Low VOUT uCap LDO Regulator
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
   Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
[Old version datasheet]   500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
logo
Micrel Semiconductor
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com