Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC39151-1.65WT Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC39151-1.65WT
Description  1.5A, Low-Voltage Low-Dropout Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39151-1.65WT Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC39151-1.65WT Datasheet HTML 6Page - Micrel Semiconductor MIC39151-1.65WT Datasheet HTML 7Page - Micrel Semiconductor MIC39151-1.65WT Datasheet HTML 8Page - Micrel Semiconductor MIC39151-1.65WT Datasheet HTML 9Page - Micrel Semiconductor MIC39151-1.65WT Datasheet HTML 10Page - Micrel Semiconductor MIC39151-1.65WT Datasheet HTML 11Page - Micrel Semiconductor MIC39151-1.65WT Datasheet HTML 12Page - Micrel Semiconductor MIC39151-1.65WT Datasheet HTML 13Page - Micrel Semiconductor MIC39151-1.65WT Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MIC39150/39151/39152
October 2009
11
M9999-102309-A
promote stability. Ultralow ESR capacitors (<100mΩ),
such as ceramic chip capacitors may promote instability.
These very low ESR levels may cause an oscillation
and/or underdamped transient response. A low-ESR
solid tantalum capacitor works extremely well and
provides good transient response and stability over
temperature. Aluminum electrolytics can also be used,
as long as the ESR of the capacitor is < 2Ω.
The value of the output capacitor can be increased
without limit. Higher capacitance values help to improve
transient response and ripple rejection and reduce
output noise.
Input Capacitor
An input capacitor of 1µF or greater is recommended
when the device is more than 4 inches away from the
bulk ac supply capacitance, or when the supply is a
battery. Small, surface-mount, ceramic chip capacitors
can be used for the bypassing. The capacitor should be
placed within 1" of the device for optimal performance.
Larger values will help to improve ripple rejection by
bypassing the input to the regulator, further improving
the integrity of the output voltage.
Transient Response and 3.3V to 2.5Vor 2.5V to 1.8V
Conversion
The MIC39150/1/2 has excellent transient response to
variations in input voltage and load current. The device
has been designed to respond quickly to load current
variations and input voltage variations. Large output
capacitors are not required to obtain this performance. A
standard 10µF output capacitor, preferably tantalum, is
all that is required. Larger values help to improve
performance even further.
By virtue of its low-dropout voltage, this device does not
saturate into dropout as readily as similar NPN-based
designs. When converting from 3.3V to 2.5V, or 2.5V to
1.8V, the NPN-based regulators are already operating in
dropout, with typical dropout requirements of 1.2V or
greater. To convert down to 2.5V without operating in
dropout, NPN-based regulators require an input voltage
of 3.7V at the very least. The MIC39150/1 regulator will
provide excellent performance with an input as low as
3.0V or 2.5V, respectively. This gives the PNP-based
regulators a distinct advantage over older, NPN-based
linear regulators.
Minimum Load Current
The MIC39150 regulator is specified between finite
loads. If the output current is too small, leakage currents
dominate and the output voltage rises. A 10mA minimum
load current is necessary for proper regulation.
Error Flag
The MIC39151 version features an error flag circuit
which monitors the output voltage and signals an error
condition when the voltage 5% below the nominal output
voltage. The error flag is an open-collector output that
can sink 10mA during a fault condition.
Low output voltage can be caused by a number of
problems, including an overcurrent fault (device in
current limit) or low input voltage. The flag is inoperative
during overtemperature shutdown.
When the error flag is not used, it is best to leave it
open. A pull-up resistor from FLG to either VIN or VOUT is
required for proper operation.
Enable Input
The MIC39151/2 features an enable input for on/off
control of the device. The enable input’s shutdown state
draws “zero” current (only microamperes of leakage).
The enable input is TTL/CMOS compatible for simple
logic interface, but can be connected to up to 20V. When
enabled, it draws approximately 15µA.
Adjustable Regulator Design
Figure 2. Adjustable Regulator with Resistors
The MIC39152 allows programming the output voltage
anywhere between 1.24V and 15.5V. Two resistors are
used. The resistor values are calculated by:
⎟⎟
⎜⎜
×
=
1
1.240
V
R2
R1
OUT
Where VOUT is the desired output voltage. Figure 2
shows component definition. Applications with widely
varying load currents may scale the resistors to draw the
minimum load current required for proper operation (see
Minimum Load Current
section).


Similar Part No. - MIC39151-1.65WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39151-1.8BT MICREL-MIC39151-1.8BT Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
MIC39151-1.8BU MICREL-MIC39151-1.8BU Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39151-1.65WT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1950 FAIRCHILD-FAN1950 Datasheet
518Kb / 11P
   1.5A Low-Voltage Low-Dropout Regulator
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150 Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com