Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC39150-1.8WT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC39150-1.8WT
Description  1.5A, Low-Voltage Low-Dropout Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39150-1.8WT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC39150-1.8WT Datasheet HTML 5Page - Micrel Semiconductor MIC39150-1.8WT Datasheet HTML 6Page - Micrel Semiconductor MIC39150-1.8WT Datasheet HTML 7Page - Micrel Semiconductor MIC39150-1.8WT Datasheet HTML 8Page - Micrel Semiconductor MIC39150-1.8WT Datasheet HTML 9Page - Micrel Semiconductor MIC39150-1.8WT Datasheet HTML 10Page - Micrel Semiconductor MIC39150-1.8WT Datasheet HTML 11Page - Micrel Semiconductor MIC39150-1.8WT Datasheet HTML 12Page - Micrel Semiconductor MIC39150-1.8WT Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Micrel, Inc.
MIC39150/39151/39152
October 2009
9
M9999-102309-A
Functional Diagram
Ref.
18V
O.V.
ILIMIT
Thermal
Shut-
down
1.240V
1.180V
EN*
IN
FLAG*
GND
OUT
* MIC39151 only


Similar Part No. - MIC39150-1.8WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39150-1.8BT MICREL-MIC39150-1.8BT Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
MIC39150-1.8BU MICREL-MIC39150-1.8BU Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39150-1.8WT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1950 FAIRCHILD-FAN1950 Datasheet
518Kb / 11P
   1.5A Low-Voltage Low-Dropout Regulator
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150 Datasheet
106Kb / 12P
   1.5A Low-Voltage Low-Dropout Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com