Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66354C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC66354C
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66354C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC66354C Datasheet HTML 1Page - Sanyo Semicon Device LC66354C Datasheet HTML 2Page - Sanyo Semicon Device LC66354C Datasheet HTML 3Page - Sanyo Semicon Device LC66354C Datasheet HTML 4Page - Sanyo Semicon Device LC66354C Datasheet HTML 5Page - Sanyo Semicon Device LC66354C Datasheet HTML 6Page - Sanyo Semicon Device LC66354C Datasheet HTML 7Page - Sanyo Semicon Device LC66354C Datasheet HTML 8Page - Sanyo Semicon Device LC66354C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
System Block Diagram
Differences between the LC6653XX Series and the LC663XX Series
For other differences and details, see the data sheets for the individual products.
No. 5485-4/26
LC665304A, 665306A, 665308A, 665312A, 665316A
Item
LC6630X Series
LC6635XB Series
LC6653XX Series
(Including the LC66599 evaluation chip)
System differences
65536 cycles
16384 cycles
16384 cycles
• Hardware wait time (number of
About 64 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
cycles) when hold mode is cleared
• Value of timer 0 after a reset
(Including the value after hold mode
Set to FF0.
Set to FFC.
Set to FFC.
is cleared)
• Inverter array
None (Tools are handled with
None
Yes
external devices.)
• Buffer array (data shaper circuit)
None (Tools are handled with
None
Yes
external devices.)
• Sub-oscillator
None
None
Yes (option)
• Three-value inputs/comparator
Yes
Yes
Only a 16-value comparator
inputs
• Three-state output from P31
None
None
Yes
and P32
• Using P0 to clear halt mode
In 4-bit groups
In 4-bit groups
Can be specified for each bit.
None for INT3, INT4, and INT5.
• External extended interrupts
(Tools are handled with external
None for INT3, INT4, and INT5.
None for INT3, INT4, and INT5.
devices.)
Shared with INT2
Shared with INT2
• Other P53 functions
(Tools are handled with external
Shared with INT2
(The logic is inverted.)
devices.)
• 3.0 to 5.5 V/0.95 to 10 µs
Differences in main characteristics
• LC66304A/306A/308A
• 3.0 to 5.5 V/0.92 to 10 µs
(When the main oscillator is
• Operating power-supply voltage
4.0 to 6.0 V/0.92 t 10 µs
• LC6635XA
operating)
and operating speed (cycle time)
• LC66E308/P308
2.2 to 5.5 V/3.92 to 10 µs
• 3.0 to 5.5 V/25 to 127 µs
4.5 to 5.5 V/0.92 to 10 µs
3.0 to 5.5 V/1.96 to 10 µs
(When the sub-oscillator is
operating)
• Pull-up resistors
P0, P1, P4, and P5: about 3 to 10 kΩ
P0, P1, P4, and P5: about 3 to 10 kΩ
P0, P1, P4, and P5: about 100 kΩ
• P2 to P6 and PC: 15-V handling
• P2 to P6 and PC: 15-V handling
All ports: normal voltage handling
• Port voltage handling
• P0, P1, PD, PE: Normal voltage
• P0, P1, PD, PE: Normal voltage
(7-V handling provided)
handling
handling
SYSTEM
CONTROL
RAM STACK
(512W)
SP
E
A
ROM
4K/6K/8K/12K/16KB
PC
POUT0
SI0
SO0
SCK0
INT0
INT1, INT2
PIN1, POUT1
INVxO
INVxI
(x=0 to 4)
FLAG
INTERRUPT
CONTROL
MPX
MPX
TIMER1
MPX
TIMER0
SERIAL I/O 0
PE
PD
PC
E
M
R
D
P
Y
D
P
X
D
P
L
D
P
H
P0
P1
P2
P3
P4
P5
P6
DS1
DS0
P8
CZ
ALU
RES
XT1
XT2
AN1 to 4
TEST
OSC1
OSC2
HOLD
ADC
SI1
SO1
SCK1
SERIAL I/O 1
PRESCALER


Similar Part No. - LC66354C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Similar Description - LC66354C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com