Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC49150-0.9BR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC49150-0.9BR
Description  1.5A Low Voltage LDO Regulator w/Dual Input Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49150-0.9BR Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC49150-0.9BR Datasheet HTML 1Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 2Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 3Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 4Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 5Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 6Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 7Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 8Page - Micrel Semiconductor MIC49150-0.9BR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC49150
November 2006
4
M9999-111306
Typical Characteristics
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection Ratio
(Input Suppl )
V
BIAS =3.3V
V
IN =1.8V
V
OUT =1.0V
I
OUT =1.5A
C
OUT =1µFceramic
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection Ratio
(Bias Suppl )
V
BIAS =3.3V
V
IN =1.8V
V
OUT =1.0V
I
OUT =1.5A
C
OUT =1µFceramic
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
Dropout Voltage
(Input Suppl )
V
BIAS =5V
V
OUT =1.0V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
OUTPUT CURRENT (mA)
Dropout Voltage
(Bias Supply)
V
IN =2.5V
V
OUT =1.5V
0
50
100
150
200
250
300
350
400
-40 -20 0 20 40 60 80 100 120
TEMPERATURE(
°C)
Dropout Voltage
vs. Temperature
(Input Supply)
V
BIAS =5V
I
OUT =1.5A
V
OUT =1. 5V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40 -20 0 20 40 60 80 100 120
TEMPERATURE(
°C)
Dropout Voltage
vs. Temperature
(Bias Supply)
V
IN =2.5V
I
OUT =1.5A
V
OUT =1.5V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0.5
1
1.5
2
2.5
INPUT VOLTAGE (V)
Dropout Characteristics
(Input Voltage)
V
BIAS =5V
V
OUT =1.5V
I
OUT
=10mA
I
OUT
=1.5A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1234
56
7
BIAS VOLTAGE (V)
Dropout Characteristics
(Bias Voltage)
V
IN =2.5V
V
OUT =1.5V
I
OUT
=10mA
I
OUT
=1.5A
1.495
1.496
1.497
1.498
1.499
1.500
1.501
1.502
1.503
1.504
1.505
OUTPUT CURRENT (mA)
Load Regulation
V
BIAS =5V
V
IN =2.5V
0
50
100
150
200
250
300
3
3.5
4
4.5
5
5.5
6
6.5
BIAS VOLTAGE (V)
Maximum Bias Current
vs. Bias Voltage
V
ADJ =0V
I
OUT =1.5A
V
IN =2.5V
*Note: Maximum bias current is bias
current with input in dropout
0
50
100
150
200
250
300
-40 -20 0 20 40 60 80 100 120
TEMPERATURE(
°C)
Maximum Bias Current
vs. Temperature
V
BIAS =5V
V
ADJ =0V
V
IN =2.5V
0
5
10
15
20
25
30
35
40
45
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (
°C)
Bias Current
vs. Temperature
V
IN =2.5V
V
OUT =1.5V
V
BIAS =5V
I
OUT
=10mA
I
OUT
= 1500mA
I
OUT
= 100mA
I
OUT
= 750mA


Similar Part No. - MIC49150-0.9BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150-0.9BR MICREL-MIC49150-0.9BR Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
More results

Similar Description - MIC49150-0.9BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC47150 MICREL-MIC47150 Datasheet
581Kb / 11P
   1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com