Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC49150-1.8BMM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC49150-1.8BMM
Description  1.5A Low Voltage LDO Regulator w/Dual Input Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49150-1.8BMM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC49150-1.8BMM Datasheet HTML 1Page - Micrel Semiconductor MIC49150-1.8BMM Datasheet HTML 2Page - Micrel Semiconductor MIC49150-1.8BMM Datasheet HTML 3Page - Micrel Semiconductor MIC49150-1.8BMM Datasheet HTML 4Page - Micrel Semiconductor MIC49150-1.8BMM Datasheet HTML 5Page - Micrel Semiconductor MIC49150-1.8BMM Datasheet HTML 6Page - Micrel Semiconductor MIC49150-1.8BMM Datasheet HTML 7Page - Micrel Semiconductor MIC49150-1.8BMM Datasheet HTML 8Page - Micrel Semiconductor MIC49150-1.8BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC49150
1.5A Low Voltage LDO Regulator
w/Dual Input Voltages
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2006
1
M9999-111306
General Description
The MIC49150 is a high-bandwidth, low-dropout, 1.5A volt-
age regulator ideal for powering core voltages of low-
power microprocessors. The MIC49150 implements a dual
supply configuration allowing for very low output
impedance and very fast transient response.
The MIC49150 requires a bias input supply and a main
input supply, allowing for ultra-low input voltages on the
main supply rail. The input supply operates from 1.4V to
6.5V and the bias supply requires between 3V and 6.5V
for proper operation. The MIC49150 offers fixed output
voltages from 0.9V to 1.8V and adjustable output voltages
down to 0.9V.
The MIC49150 requires a minimum of output capacitance
for stability, working optimally with small ceramic
capacitors.
The MIC49150 is available in an 8-pin power MSOP pack-
age and a 5-pin S-Pak. Its operating temperature range is
–40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Input Voltage Range:
VIN: 1.4V to 6.5V
VBIAS: 3.0V to 6.5V
• Stable with 1µF ceramic capacitor
• ±1% initial tolerance
• Maximum dropout voltage (VIN–VOUT) of 500mV
over temperature
• Adjustable output voltage down to 0.9V
• Ultra fast transient response (Up to 10MHz bandwidth)
• Excellent line and load regulation specifications
• Logic controlled shutdown option
• Thermal shutdown and current limit protection
• Power MSOP-8 and S-Pak packages
• Junction temperature range: –40°C to 125°C
Applications
• Graphics processors
• PC add-in cards
• Microprocessor core voltage supply
• Low voltage digital ICs
• High efficiency linear power supplies
• SMPS post regulators
Typical Application
MIC49150BR
GND
COUT = 1µF
Ceramic
BIAS
IN
OUT
CBIAS = 1µF
Ceramic
VOUT = 1.0V
VIN = 1.8V
VBIAS = 3.3V
ADJ
CIN = 1µF
Ceramic
R1
R2
Low Voltage,
Fast Transient Response Regulator


Similar Part No. - MIC49150-1.8BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150-1.5BMM MICREL-MIC49150-1.5BMM Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150-1.5BR MICREL-MIC49150-1.5BR Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
More results

Similar Description - MIC49150-1.8BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC47150 MICREL-MIC47150 Datasheet
581Kb / 11P
   1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com